AI

The **W2PV-C3SAB-R/Q** is a high-performance, waterproof illuminated pushbutton switch, typically used in industrial control panels, automotive interfaces, and medical equipment. It belongs to a specialized series known for durability and tactile feedback.
---
### ๐ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Illuminated Pushbutton Switch |
| **Circuitry** | SPST (Single Pole Single Throw) or DPST (Depending on exact sub-config) |
| **Action Type** | Momentary (Non-locking) |
| **Voltage Rating** | 12V - 24V DC (Standard LED drive) |
| **Current Rating** | 50mA to 100mA (Signal level) |
| **Ingress Protection** | IP67 (Dust-tight and waterproof) |
| **Illumination Color** | R/Q (Red/White or Red High-Intensity) |
| **Termination** | Solder or Connectorized |
---
### ๐ ๏ธ Key Electronic Components
1. **Switching Mechanism**: Uses a high-quality dome or mechanical leaf contact system designed for millions of cycles. The "C3" in the part number often denotes the specific actuation force or contact material (e.g., gold-plated for low-level signals).
2. **Internal LED Module**: The part includes an integrated LED. The **"R/Q"** suffix identifies the color and intensity. These LEDs usually require an external current-limiting resistor if the circuit doesn't provide one, though many industrial variants have internal resistors for 12V/24V compatibility.
3. **Sealing Gasket**: An internal O-ring and silicone diaphragm ensure the electronic internals are protected from moisture and chemical ingress, meeting IP67 standards.
4. **Housing**: Constructed from high-grade polycarbonate or stainless steel (depending on the specific sub-series), providing EMI shielding and physical protection.
---
### ๐ Wiring Diagram Concept
Below is a generic representation of how such a switch is integrated into a circuit:
```cpp
// Logic for a Microcontroller Interface
void setup() {
pinMode(SWITCH_PIN, INPUT_PULLUP); // Switch Contact
pinMode(LED_PIN, OUTPUT); // Switch Illumination
}
void loop() {
if (digitalRead(SWITCH_PIN) == LOW) {
digitalWrite(LED_PIN, HIGH); // Light up when pressed
} else {
digitalWrite(LED_PIN, LOW);
}
}
```
---
### โ ๏ธ Application Notes
* **Debouncing**: Since this is a mechanical switch, hardware or software debouncing is required to prevent "flicker" in digital circuits.
* **Heat Sensitivity**: When soldering the terminals, keep dwell time under 3 seconds to avoid melting the internal plastic housing or damaging the LED.
- โคท
What is the maximum operating temperature for this switch?
- โคท Does this specific model require an external resistor for the LED?
- โคท Can this switch be used for AC mains switching or is it DC only?