전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-013-R2

  • AI
    The **W2RS-013-R2** is a specialized electronic component, typically identified as a **high-precision, wire-wound resistor** or a specific **current sense resistor**, often utilized in power management and industrial control circuits. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Precision Wire-wound / Current Sense Resistor | | **Resistance Value** | Defined by part markings (often low ohmic) | | **Tolerance** | Usually $\pm0.1\%$ to $\pm1\%$ (High Precision) | | **Power Rating** | 1W to 3W (depending on mounting/heatsinking) | | **Temperature Coefficient** | Low TCR (e.g., $\pm20$ ppm/°C) | | **Package Style** | Radial Lead or Specialized Surface Mount | --- ### 2. Core Electronic Characteristics #### A. Wire-Wound Construction Unlike standard carbon film resistors, the W2RS series utilizes a resistive wire wound around a ceramic core. * **Stability:** Offers superior long-term stability under thermal stress. * **Surge Handling:** Capable of handling short-term high-energy pulses better than thin-film alternatives. #### B. Current Sensing Capability The "R2" suffix often denotes a specific revision or resistance value (such as $0.2\Omega$ in some coding schemes). These parts are designed to: * Minimize voltage drop while providing an accurate signal to a comparator or MCU. * Maintain linear performance across a wide temperature range. #### C. Thermal Management The part is designed with materials that have high thermal conductivity to dissipate heat away from the resistive element, preventing "thermal runaway" or accuracy drift during continuous operation. --- ### 3. Common Applications * **Motor Control:** Sensing phase current to protect against overcurrent conditions. * **Power Supplies:** Feedback loops in DC-DC converters for current-mode control. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in high-capacity battery packs. * **Test & Measurement:** Used as a reference shunt in laboratory equipment. --- ### 4. Implementation Example In a typical current-sensing circuit, the W2RS-013-R2 would be placed in series with the load. The voltage drop ($V = I \times R$) is then amplified. ```c // Pseudo-code for calculating current using W2RS-013-R2 float resistance = 0.013; // Example value 13mOhms float vDrop = readAdcVoltage(PIN_A0); float actualCurrent = vDrop / resistance; if (actualCurrent > THRESHOLD) { trigger_Protection(); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value for the 013-R2 variant?
    • ⤷ What are the recommended soldering profiles for this specific package?
    • ⤷ Can this part be used in automotive-grade AEC-Q200 applications?