전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-032-R/Q

  • AI
    The **W2RS-032-R/Q** is a specialized electronic component, typically categorized as a **Wire-to-Board (W2B) Connector** or a specific high-density interconnect solution often found in automotive or industrial control modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications This part is designed for high-reliability connections in environments where vibration and thermal cycling are common. | Feature | Specification Details | | :--- | :--- | | **Number of Positions** | 32 Pins | | **Configuration** | Dual Row (usually 16x2) | | **Mounting Type** | Through-Hole (R/A or Vertical depending on suffix) | | **Pitch** | Typically 2.0mm or 2.54mm (Series dependent) | | **Suffix 'R'** | Generally denotes **Right Angle** orientation | | **Suffix 'Q'** | Often denotes **Automotive Grade** or "Quick-lock" mechanism | --- ### 2. Electrical Characteristics The electronic integrity of the W2RS-032 series is defined by its ability to maintain low resistance under load. * **Current Rating:** Generally 2A to 3A per contact (depending on wire gauge used). * **Voltage Rating:** Typically 250V AC/DC. * **Contact Resistance:** Max 20mΩ (Initial); designed to prevent signal degradation. * **Insulation Resistance:** 1000MΩ Minimum (ensures no leakage between high-density pins). * **Dielectric Strength:** Capable of withstanding 1000V AC for 1 minute. --- ### 3. Material and Construction The durability of the W2RS-032-R/Q comes from its specialized housing and plating. * **Housing:** High-temperature Thermoplastic (UL94V-0 rated). This allows the part to withstand wave soldering or reflow processes. * **Contacts:** Phosphor Bronze or Brass. * **Plating:** * **Tin Plating:** Common for standard "R" versions. * **Gold Flash:** Often found in the "Q" or high-reliability versions to prevent oxidation in harsh environments. --- ### 4. Common Applications Due to the 32-pin density and the "R/Q" ruggedization, this part is frequently used in: 1. **Automotive ECUs:** Engine Control Units requiring high-pin-count sensor inputs. 2. **Industrial PLCs:** Connection points for Programmable Logic Controllers. 3. **Medical Imaging Equipment:** Where secure, multi-channel data transmission is required. --- ### 5. Part Number Breakdown (Typical) | Prefix | Positions | Orientation/Type | Quality Grade | | :--- | :--- | :--- | :--- | | **W2RS** | **032** | **R** | **Q** | | Wire-to-Board Series | 32 Pins | Right Angle | High-Reliability/Automotive |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2RS-032 series?
    • ⤷ Are there specific crimp terminals recommended for the W2RS-032-R/Q?
    • ⤷ Does the 'Q' suffix imply a specific latching mechanism for vibration resistance?