전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-043-R2

  • AI
    The **W2RS-043-R2** is a specific model of an **Industrial Interface Relay Module** (often manufactured by companies like Weidmüller or Dinkle, depending on the specific catalog prefix). These modules are designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power industrial loads. --- ### 1. Key Technical Specifications The "W2RS" series typically refers to a 2-channel Slim Relay interface. Below are the common electronic characteristics for this specific part: | Feature | Specification (Typical) | | :--- | :--- | | **Control Voltage (Input)** | 24V DC | | **Number of Channels** | 2 Independent Channels | | **Contact Type** | 1 Form C (SPDT) per channel | | **Max Switching Current** | 6A to 10A (Depending on load type) | | **Mounting Type** | DIN Rail (TS-35) | | **Termination** | Screw Terminals | | **LED Indicator** | Yes (Status Monitoring) | --- ### 2. Internal Electronic Components The module is not just a relay; it contains several electronic safety and signaling components: * **Electromagnetic Relay:** The core switching component. It uses an internal coil to physically move contacts to open or close a circuit. * **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to protect the driving circuit (like a PLC output) from high-voltage spikes generated when the coil is de-energized. * **LED Indicator:** A low-power Light Emitting Diode that provides visual confirmation that the input signal is active. * **Reverse Polarity Protection:** A diode usually placed at the input to prevent damage if the 24V DC wires are connected backward. * **Varistor (Optional):** Some R2 versions include a MOV (Metal Oxide Varistor) to suppress electrical surges on the contact side. --- ### 3. Connection Pinout Logic The terminal block is generally divided into two sections: #### Input Side (Control) * **S1 / S2:** Signal inputs for Channel 1 and Channel 2. * **COM (-):** Common negative return for the control signal. #### Output Side (Load) * **NO (Normally Open):** Connects to the load when the relay is energized. * **NC (Normally Closed):** Disconnects from the load when the relay is energized. * **COM (Common):** The feed line for the load voltage. --- ### 4. Application Use Case The W2RS-043-R2 is commonly used in **Control Panels** for: 1. **Isolation:** Keeping the sensitive 24V DC electronics separate from 230V AC motors or solenoids. 2. **Signal Multiplication:** Using one PLC output to switch multiple high-current devices. 3. **Maintenance:** Since these are often "plug-in" style relays on a base, the relay can be replaced without rewiring the entire panel.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Does the W2RS-043-R2 support AC control input or only DC?
    • ⤷ What are the dimensions for DIN rail spacing for this unit?