전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-13D-R2

  • AI
    The **W2RS-13D-R2** is a specific part number typically associated with an **Industrial Interface Relay Terminal Module**, often manufactured by companies like **DECA** or used in automation systems (such as those compatible with Mitsubishi or Omron PLCs). Below is the technical breakdown of its electronic components and specifications. --- ### 1. General Specifications The W2RS-13D-R2 is a relay board designed to bridge high-current/voltage loads with low-power control signals (PLCs). | Feature | Specification | | :--- | :--- | | **Number of Channels** | 1 (Single Relay) | | **Input Signal (Coil)** | DC 24V (Commonly) | | **Mounting Type** | DIN Rail Mounting (35mm) | | **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) | | **Terminal Type** | Screw Terminal Block | | **LED Indicator** | Status LED for Operation | --- ### 2. Key Electronic Components #### A. The Electromagnetic Relay The core component is a miniature power relay. When the control circuit (PLC output) sends power to the coil, it creates a magnetic field that moves the internal contacts to open or close the load circuit. #### B. Protection Circuitry (Flyback Diode) Inside the module, there is a **freewheeling (flyback) diode** connected in parallel with the relay coil. * **Function:** It prevents high-voltage spikes (back EMF) from damaging the PLC or sensitive transistors when the relay coil is de-energized. #### C. Status LED A small LED (usually green or red) is integrated into the PCB. * **Function:** Provides immediate visual feedback that the relay is active (coil energized). #### D. Terminal Blocks High-quality screw terminals designed to handle physical vibrations and ensure secure electrical connections for both signal and power wires. --- ### 3. Wiring Configuration The "R2" suffix often denotes a specific wiring configuration or a design revision involving the common terminal logic. | Terminal Label | Description | | :--- | :--- | | **+ / -** | Control input (from PLC or Controller) | | **COM** | Common Terminal for the load circuit | | **NO** | Normally Open (Closes when energized) | | **NC** | Normally Closed (Opens when energized) | --- ### 4. Application Use Cases * **Isolation:** Protecting expensive PLCs from high-voltage surges on the field side. * **Current Boosting:** Using a 10mA PLC signal to switch a 5A or 10A motor/solenoid. * **Logic Conversion:** Converting a PNP signal to an NPN-style dry contact output.
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact current rating for the W2RS-13D-R2?
    • ⤷ Can this module be used with AC input signals instead of DC?
    • ⤷ What is the difference between the R2 and R1 versions of this relay board?