전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-3C2-R2

  • AI
    The **W2RS-3C2-R2** is a specific model of a **Slim-style Interface Relay Terminal** manufactured by **Wago** (or part of the Wago/Dinkle series used in industrial automation). These devices are used to bridge the gap between low-power control signals (like those from a PLC) and high-power loads. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typically associated with the W2RS-3C2-R2: | Feature | Specification | | :--- | :--- | | **Input Voltage (Coil)** | 24V DC (Standard for R2 suffix) | | **Contact Form** | 1 Changeover (SPDT) | | **Max Switching Current** | 6A | | **Number of Channels** | 16 Channels (Typical for this series module) | | **Wiring Connection** | Push-in / Screw Terminal | | **Indication** | LED Status Display | | **Mounting Type** | DIN Rail (35mm) | --- ### 2. Core Electronic Components The unit consists of several critical electronic sub-parts: #### A. Electromagnetic Relays The heart of the module. These are usually slim-line mechanical relays that provide **galvanic isolation** between the control circuit and the load circuit. #### B. Flyback/Freewheeling Diodes Integrated across the relay coils to protect the driving PLC or controller from high-voltage spikes (back EMF) generated when the relay coil is de-energized. #### C. LED Status Indicators Green or Red LEDs placed on the input side to provide visual confirmation that a specific channel is receiving a trigger signal. #### D. Protection Circuitry Often includes surge protection to ensure that electromagnetic interference (EMI) does not disrupt the sensitive electronic logic upstream. --- ### 3. Connection Layout The module is designed for efficiency in control cabinets: * **Input Side:** Connects to the PLC (Programmable Logic Controller) via a multi-pin connector (often IDC or MIL-style) to save wiring time. * **Output Side:** Features robust terminals for field wiring (motors, solenoids, or heaters). --- ### 4. Circuit Example (Internal Logic) The internal electronic flow for one channel generally follows this logic: ```mermaid graph LR A[PLC 24V DC Signal] --> B[Protection Diode] B --> C[LED Indicator] C --> D[Relay Coil] D --> E[Mechanical Contacts] E --> F[High Power Load 230V/6A] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the input connector on the W2RS-3C2-R2?
    • ⤷ Can the 6A contacts handle inductive loads like large motors?
    • ⤷ Is there a compatible 120V AC input version of this relay module?