전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-3CD-R

  • AI
    The **W2RS-3CD-R** is a specific model of a **Slim Power Relay Terminal Block** (often associated with brands like Weidmüller or similar industrial interface manufacturers). It is designed to bridge the gap between a PLC/Controller and high-power field devices. --- ### 1. Key Specifications and Components The W2RS-3CD-R is a multi-channel relay module. Below is a breakdown of its technical characteristics: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 3 Channels (Independent relays) | | **Input Voltage (Coil)** | 24V DC (Standard for Industrial Automation) | | **Output Type** | SPDT (Single Pole Double Throw / 1 Form C) | | **Contact Rating** | Typically 6A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail (TS35) | | **Indication** | LED status indicator per channel | --- ### 2. Internal Electronic Parts The module consists of several critical electronic components working together to ensure safe switching: 1. **Electromagnetic Relays:** The core component. It uses a low-power 24V DC signal to mechanically move a contact arm to switch a high-power load. 2. **Flyback Diode (Freewheeling Diode):** Placed across the relay coil. It protects the driving PLC output from "inductive kickback" (voltage spikes) when the relay is de-energized. 3. **LED Status Indicators:** Provide visual feedback. A green or red LED lights up when the specific channel's coil is energized. 4. **Reverse Polarity Protection:** Usually a diode on the input side to prevent damage if the 24V DC wiring is swapped accidentally. 5. **Screw or Push-in Terminals:** High-quality copper alloy connectors designed to handle industrial vibration and high current. --- ### 3. Connection Logic (Pinout) The "3CD" designation typically refers to the wiring configuration: * **Input Side:** Terminals for `+24V` and `0V` (Common) for each of the 3 channels. * **Output Side:** Each channel provides three pins: * **COM (Common):** The shared terminal. * **NO (Normally Open):** Connects to COM when the relay is ON. * **NC (Normally Closed):** Connects to COM when the relay is OFF. --- ### 4. Application Use Cases * **Isolation:** Protecting sensitive PLC outputs from high-voltage surges. * **Voltage Conversion:** Using a 24V DC control signal to switch a 230V AC motor or light. * **Current Amplification:** Allowing a 50mA PLC output to drive a 6A industrial actuator. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the W2RS-3CD-R and a Solid State Relay (SSR)?
    • ⤷ Can the W2RS-3CD-R be used with AC input control signals?
    • ⤷ What is the maximum switching frequency for this relay model?