전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-441-R

  • AI
    The **W2RS-441-R** is a specific model within the **W2RS Series** of industrial interface modules, typically manufactured by companies like **Wago** or **Dinkle**. It is primarily a **Relay Terminal Block** designed to act as an interface between low-power control signals (like a PLC output) and high-power field devices. --- ### 1. Technical Specifications The "441" designation usually refers to the configuration of the channels and the electrical rating. | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay Module | | **Number of Channels** | 4 Channels (Individual control) | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) per channel | | **Input Voltage** | 24V DC (Standard for most industrial PLCs) | | **Switching Current** | Up to 10A or 16A (Depending on specific relay brand used) | | **Mounting Type** | DIN Rail (TS-35) | | **Termination** | Screw terminals or Push-in (R denotes RoHS compliance/Refined) | --- ### 2. Key Electronic Components The internal PCB of the W2RS-441-R consists of several critical components designed for protection and signal integrity: * **Relay Coil:** The heart of the unit. When 24V DC is applied to the input, the coil creates a magnetic field to flip the high-power switch. * **Flyback Diode (Freewheeling Diode):** Connected across the relay coil. It prevents "Inductive Kickback"—high voltage spikes that occur when the coil is de-energized—which could otherwise destroy the PLC output transistor. * **LED Indicators:** Visual status lights (usually green or red) that illuminate when the specific channel is energized. * **Varistors/Snubbers (Optional):** Some versions include extra protection against arc-over on the contact side when switching inductive AC loads. --- ### 3. Wiring Configuration The module serves as a bridge between the **Control Side** and the **Field Side**. #### A. Control (Input) Side * **V+ / V-**: Power supply for the coils. * **S1 - S4**: Signal inputs from the PLC/Controller. #### B. Load (Output) Side Each channel typically has three pins: 1. **COM (Common):** The shared terminal for the switch. 2. **NO (Normally Open):** Connects to COM when the relay is ON. 3. **NC (Normally Closed):** Connects to COM when the relay is OFF. --- ### 4. Applications * **Isolation:** Protecting a delicate PLC from high-voltage surges in the field. * **Current Amplification:** Using a 50mA PLC output to drive a 10A motor or heater. * **Voltage Conversion:** Using a 24V DC signal to switch a 230V AC load. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the W2RS-441-R and a Solid State Relay (SSR)?
    • ⤷ How do I wire a PLC to this module using an NPN vs PNP configuration?
    • ⤷ What is the maximum switching frequency for this electromechanical relay?