전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-4AA-R

  • AI
    The **W2RS-4AA-R** is a specific model of an **Interface Relay Terminal** manufactured by **Autonics**. These devices are used in automation to bridge the gap between low-power control signals (from a PLC or microcontroller) and high-power industrial loads. ### Technical Overview The part number breaks down into specific electronic characteristics: * **W2RS**: Series name (Interface Relay Terminal). * **4**: Number of relay channels (4-points). * **AA**: Type of relay used (typically G6B-1174P-FD-US or equivalent). * **R**: Common terminal type (typically indicates a specific wiring configuration/common). --- ### Key Electronic Components and Features | Feature | Specification | Description | | :--- | :--- | :--- | | **Relay Points** | 4-Channel | Controls 4 independent electrical circuits. | | **Rated Voltage** | 24VDC | The input signal voltage required to trigger the relays. | | **Rated Load** | 250VAC 5A / 30VDC 5A | The maximum power the output contacts can switch. | | **LED Indicator** | Red LED | Visual status indicator showing which relay is energized. | | **Mounting Type** | DIN Rail or Bolt | Can be snapped onto a standard 35mm DIN rail. | | **Connection** | Screw Terminal | Uses rising cage clamps for secure wire termination. | --- ### Internal Circuitry Components 1. **Electromagnetic Relays**: The core components that provide galvanic isolation between the input and output. 2. **Protection Diodes (Flyback Diodes)**: Integrated into the PCB to suppress the back-EMF (voltage spikes) generated when the relay coil is de-energized, protecting the driving PLC. 3. **Operation Indicator Circuit**: A low-current LED circuit in parallel with the coil to signal activation. 4. **Varistors (Optional/Model Specific)**: Some variants include varistors to protect the contacts against arc discharge. ### Connection Diagram Logic The W2RS-4AA-R typically follows a standardized layout: * **Input (Coil) Side**: Terminals for +24V and 0V (Common). Depending on the wiring, it can support NPN or PNP logic. * **Output (Contact) Side**: Each channel has a **NO (Normally Open)** and **COM (Common)** terminal. When the coil is powered, the switch closes. --- ### Advantages of using W2RS-4AA-R * **Space Efficiency**: Much smaller than using 4 individual industrial relays and sockets. * **Maintenance**: Relays are often "plug-in" type, meaning they can be replaced without disconnecting the wiring. * **Safety**: Provides 2,000VAC Dielectric strength between the coil and contacts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP wiring for this relay terminal?
    • ⤷ Can the W2RS-4AA-R be used to control AC motors directly?
    • ⤷ How do I replace an individual relay on this board if it fails?