전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-4D2-R

  • AI
    The **W2RS-4D2-R** is a specific model of a **Relay Terminal Block** (often manufactured by companies like Autonics or Dinkle). These devices are used as an interface between a controller (like a PLC) and high-power field devices to ensure signal isolation and current amplification. --- ## 1. Technical Specifications The model name usually follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Relay Channels** | 4-Channel (D4) | | **Input Voltage** | 24VDC (Standard for PLC logic) | | **Contact Rating** | Typically 250VAC 5A / 30VDC 5A | | **Socket Type** | Slim Plug-in Relay (Allows easy replacement) | | **Mounting** | DIN Rail 35mm | | **Output Type** | 1c (SPDT - Single Pole Double Throw) per channel | --- ## 2. Key Electronic Components The W2RS-4D2-R consists of several internal parts designed for circuit protection and signal processing: ### A. Power Relays The heart of the unit. Each channel has a mechanical relay that physically separates the control circuit from the load circuit. This prevents high-voltage spikes from traveling back to the PLC. ### B. LED Indicators The "R" in the model often signifies the inclusion of **Status LEDs**. These are integrated into the PCB to show whether each specific channel is energized (On) or de-energized (Off), aiding in troubleshooting. ### C. Surge Suppression (Flyback Diodes) Inside the module, there are protection diodes (Freewheeling diodes) across the relay coils. These absorb the **back-EMF** generated when the relay coil is switched off, protecting the transistor outputs of the PLC. ### D. Terminal Connections * **Input Side:** Usually a common terminal (+ or -) and individual signal pins. * **Output Side:** Features **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed) terminals for each relay. --- ## 3. Wiring Diagram Concept When wiring the W2RS-4D2-R, the electronic flow follows this logic: ```mermaid graph LR PLC[PLC Output 24VDC] --> IN[W2RS Input Terminal] IN --> COIL[Relay Coil] COIL --> LED[Indication LED] COIL --> GND[Common Ground] LOAD_PWR[External Load Power] --> COM[Common Pin] COM -.-> NO[Normally Open] NO --> DEVICE[Motor/Solenoid/Lamp] ``` --- ## 4. Primary Applications * **Signal Amplification:** Using a low-current PLC signal to drive a high-current motor or valve. * **Voltage Conversion:** Controlling a 220VAC device using a 24VDC control signal. * **Isolation:** Protecting sensitive CPU boards from electrical noise and short circuits in the field.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2RS-4D2-R relays?
    • ⤷ How do I replace a single relay if it fails on this terminal block?
    • ⤷ Can this model be used with NPN and PNP PLC outputs?