전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-52D-R

  • AI
    The **W2RS-52D-R** is a specific model of a **Slim-type I/O Relay Terminal** (often manufactured by companies like **Wago** or **Anywire**, or as part of specialized industrial interface series). These components are essential for bridging the gap between high-level controllers (like PLCs) and field devices (actuators/sensors). --- ## 1. Core Technical Specifications The "W2RS" series typically denotes a space-saving relay board. Below are the general specifications for this part: | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical (Replaceable) | | **Channels** | 2-Point (Dual Channel) | | **Input Voltage** | 24V DC (Standard for Industrial Control) | | **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) per channel | | **Terminal Type** | Screw or Push-in (Depends on specific sub-housing) | | **Mounting** | DIN Rail (35mm) | --- ## 2. Key Electronic Components The internal PCB of the W2RS-52D-R consists of several protective and functional electronic parts: ### A. The Relay Unit * **Function:** Acts as the physical switch. It uses an electromagnetic coil to move a contact. * **Capacity:** Usually rated for 5A to 10A at 250V AC or 30V DC. ### B. LED Status Indicators * **Function:** Visual feedback. A green or red LED lights up when the input signal (24V DC) is active, allowing for quick troubleshooting. ### C. Protection Diode (Flyback Diode) * **Function:** Connected in parallel with the relay coil. * **Purpose:** It suppresses the high-voltage spike (back EMF) that occurs when the coil is de-energized, protecting the PLC's output transistor from damage. ### D. Polarity Protection * **Function:** Prevents the board from burning out if the positive and negative wires are swapped at the input. --- ## 3. Wiring Configuration The "52D" designation often refers to the specific wiring density or connector type. Generally, the wiring is split into two sides: 1. **Input Side (Control):** Receives the signal from the PLC (usually 24V DC). 2. **Output Side (Load):** The "Dry Contacts" that switch the external device (Motor, Valve, Light). ```mermaid graph LR A[PLC Output] --> B[W2RS Input Coil] B --> C[Internal LED] D[External Power] --> E[Relay Contact COM] E --> F[Relay Contact NO/NC] F --> G[Field Device/Load] ``` --- ## 4. Main Advantages * **Maintenance:** Since the relays are socket-mounted, if a contact wears out, you can replace the individual relay without rewiring the entire terminal block. * **Isolation:** Provides complete electrical isolation between the control circuit (sensitive electronics) and the power circuit (high voltage/current). * **Space Efficiency:** The "Slim" design allows for high-density mounting in electrical cabinets. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the W2RS-52D-R contacts?
    • ⤷ How do I replace an individual relay on this terminal block?
    • ⤷ Is there a Solid State Relay (SSR) version of this model?