전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-5D3-R2

  • AI
    The **W2RS-5D3-R2** is a specific model of an **Electromechanical Relay Terminal Block** (often referred to as an I/O Relay Board), typically manufactured by companies like **Wago** or specialized industrial automation brands. It is designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power industrial loads. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical characteristics for this part: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Coil)** | 5V DC | | **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Switching Current** | Max 3A to 5A (model dependent) | | **Number of Channels** | 2-Channel (indicated by '2' in the prefix/suffix) | | **Mounting Type** | DIN Rail (35mm) | | **Terminal Type** | Screw or Push-in terminals | --- ### 2. Core Electronic Components The W2RS-5D3-R2 consists of several internal components integrated into the PCB: 1. **Relay (The Core):** * Usually houses a sub-miniature relay (like an Omron G6D or similar). * **Function:** Uses the 5V DC input to electromagnetically move a physical switch to control a separate AC or DC circuit. 2. **Protection Diode (Flyback Diode):** * Connected in parallel with the relay coil. * **Function:** Prevents "Inductive Kickback" (voltage spikes) from damaging the driving transistor or PLC when the relay is turned off. 3. **LED Indicator:** * A small SMD LED (usually green or red). * **Function:** Provides visual confirmation that the specific channel is energized. 4. **Varistor/RC Snubber (Optional/Model Dependent):** * **Function:** Protects the output contacts from arcing when switching inductive loads (like motors or solenoids). --- ### 3. Wiring Layout The device acts as an interface between two distinct electrical environments: * **Input Side (Control):** * `+` (5V DC) * `-` (0V / Common) * `S` (Signal trigger) * **Output Side (Load):** * **COM:** Common terminal. * **NO:** Normally Open (closes when 5V is applied). * **NC:** Normally Closed (opens when 5V is applied). --- ### 4. Applications * **PLC Interfacing:** Connecting a 5V logic controller to 230V AC lights or motors. * **Signal Isolation:** Protecting sensitive microcontrollers from high-voltage noise. * **Industrial Automation:** Used in control cabinets for space-saving wire management. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage supported by the W2RS-5D3-R2 contacts?
    • ⤷ How does a 2-channel relay board differ in wiring from a single-channel version?
    • ⤷ Can this relay be triggered by an Arduino or Raspberry Pi 5V output?