전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2RS-6D2-R

  • AI
    The **W2RS-6D2-R** is a specific model of a **Slim I/O Relay Terminal** (often associated with brands like Dinkle or similar industrial interface manufacturers). It is designed to bridge the gap between a controller (like a PLC) and field devices, providing isolation and switching capabilities in a space-saving format. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical attributes of the W2RS-6D2-R: | Feature | Specification | | :--- | :--- | | **Relay Channels** | 6 Channels | | **Input Voltage (Coil)** | 24V DC | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) per channel | | **Switching Current** | Typically 6A per channel | | **Mounting Type** | DIN Rail (TS-35) | | **Termination** | Screw or Push-in terminals (depending on sub-series) | | **Status Indication** | LED indicator for each channel | --- ### 2. Functional Components #### A. Electromagnetic Relays Each of the 6 channels contains an electromechanical relay. When 24V DC is applied to the input side, the coil creates a magnetic field that moves the internal armature, closing or opening the high-voltage/high-current circuit on the output side. #### B. Protection Circuitry * **Flyback Diode (Freewheeling Diode):** Integrated across the relay coil to suppress voltage spikes (back EMF) that occur when the coil is de-energized. This protects the driving PLC output from damage. * **Polarity Protection:** Usually includes a diode to prevent damage if the input power is wired in reverse. #### C. Visual Indicators Each channel features a green or red **LED**. This allows technicians to instantly verify which relays are energized during troubleshooting without needing a multimeter. --- ### 3. Connection Layout The device acts as an interface module with two distinct sides: 1. **Input Side (Control):** Connects to the PLC or Controller. These are the signal lines that trigger the relays. 2. **Output Side (Load):** Connects to the actual hardware being controlled (motors, valves, lights). Because it uses **1C (SPDT)** contacts, each channel has: * **COM:** Common * **NO:** Normally Open * **NC:** Normally Closed --- ### 4. Application Advantages * **Space Efficiency:** The "Slim" design (often only 6.2mm per relay width equivalent) allows for high-density wiring in control cabinets. * **Isolation:** Provides complete electrical isolation between the sensitive DC control logic and the potentially "noisy" AC or DC load side. * **Maintenance:** Relays are often pluggable, meaning if a contact wears out, the individual relay can be replaced without unwiring the entire terminal block.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the W2RS-6D2-R contacts?
    • ⤷ Can this relay module be used with AC input signals instead of 24V DC?
    • ⤷ What is the difference between the '1C' and '1A' contact forms in these modules?