전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-123-R/N

  • AI
    ## Electronic Specifications and Overview: W2SP-123-R/N The **W2SP-123-R/N** is a specific model within the **W2SP Series** of surface-mount (SMD) wire-wound resistors, often utilized in power management and sensing applications. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic behavior: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Wire-wound Surface Mount Resistor | | **Series** | W2SP (Standard Precision / Power) | | **Resistance Value** | Defined by the "123" code (12k $\Omega$ or 123 $\Omega$ depending on manufacturer standard) | | **Tolerance** | Typically ±1% or ±5% (denoted by the suffix) | | **Configuration** | R (Standard Reel) / N (Non-Inductive option or RoHS compliant) | --- ### 2. Internal Construction As a wire-wound component, its internal structure differs significantly from standard thick-film resistors: 1. **Core:** A high-grade ceramic (Alumina) rod that provides thermal stability. 2. **Resistive Element:** A precision alloy wire (like Manganin or NiCr) wound tightly around the core. 3. **Coating:** A flameproof, high-temperature silicone or epoxy molding that protects the wire from oxidation and mechanical stress. 4. **Terminations:** Solder-plated caps or pads designed for reflow soldering. --- ### 3. Electronic Performance Characteristics The **W2SP-123-R/N** is engineered for specific electronic environments: * **Surge Handling:** Due to the wire-wound nature, it can handle significantly higher energy surges and pulses compared to film resistors. * **Temperature Coefficient (TCR):** Low TCR (typically ±20ppm/°C to ±50ppm/°C), meaning the resistance remains stable even as the component heats up. * **Inductance:** Standard wire-wound resistors have inherent inductance; however, the "N" variant often implies a **non-inductive Ayrton-Perry winding**, which cancels out magnetic fields. --- ### 4. Common Applications These parts are typically found in the following electronic circuits: * **Power Supplies:** Used as a current sensing resistor. * **Motor Controllers:** For snubbing circuits or limiting inrush current. * **Industrial Automation:** High-reliability circuits where thermal cycling is frequent. * **Medical Equipment:** Where precision and longevity are critical. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the '123' code for this specific manufacturer?
    • ⤷ Does the 'N' suffix indicate a non-inductive winding or RoHS compliance in this series?
    • ⤷ What is the maximum power rating (Wattage) for the W2SP series?