전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-142-R/Q

  • AI
    The **W2SP-142-R/Q** is a high-precision, multi-layer surface mount device (SMD) wire-wound power inductor. These components are primarily designed for power management circuits where high current handling and low DC resistance (DCR) are required within a small footprint. --- ### Technical Specifications Overview The following table summarizes the typical electronic characteristics of the W2SP-142-R/Q series: | Parameter | Value/Description | | :--- | :--- | | **Inductance Range** | Typically 0.1µH to 10µH (varies by specific sub-model) | | **Tolerance** | ±20% (Standard) | | **Material** | Ferrite Core / Wire-wound construction | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C | | **Termination** | Lead-free (RoHS compliant) / Q-series (Automotive grade potential) | --- ### Key Features 1. **Wire-Wound Construction:** Unlike multilayer chip inductors, the wire-wound design allows for a much higher **Q-factor** (quality factor) and significantly higher current carrying capacity. 2. **Magnetic Shielding:** These parts are often magnetically shielded to minimize EMI (Electromagnetic Interference), making them suitable for high-density PCB layouts. 3. **R/Q Suffix Meaning:** * **-R:** Generally indicates compliance with RoHS standards (Lead-Free). * **-Q:** Often denotes "Automotive Grade" or AEC-Q200 qualification, indicating higher reliability under stress and vibration. 4. **Low DCR:** Designed with thick copper windings to ensure minimal power loss through heat, maximizing battery life in portable electronics. --- ### Common Applications The W2SP-142 series is commonly integrated into the following electronic systems: * **DC-DC Converters:** Used as the energy storage element in buck/boost regulators. * **Smartphone Power Management:** Small footprint allows it to fit in mobile PMICs (Power Management Integrated Circuits). * **Wearable Technology:** High efficiency is critical for small batteries. * **Automotive Infotainment:** The "Q" version is used in dashboard displays and sensor modules. --- ### Schematic Representation In a circuit diagram, the part is represented as a standard inductor with its specific value: ```text L1 (W2SP-142-R) Vin ----(ZZZZZ)---- Vout | [Cout] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the W2SP-142-R?
    • ⤷ How does the 'Q' suffix affect the testing standards for this part?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?