전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-14D-R2/UL

  • AI
    The **W2SP-14D-R2/UL** is a specific model of a **Metal Oxide Varistor (MOV)**, typically manufactured by World Products Inc. (or similar high-surge protection component manufacturers). It is designed to protect electronic circuits against overvoltage transients, such as surges caused by lightning or inductive load switching. --- ### 1. Component Identification & Specifications The nomenclature of the part number reveals its technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | A voltage-dependent resistor. | | **Disk Size** | 14mm | The diameter of the ceramic disk (determines energy handling). | | **Voltage Rating** | ~Varies by suffix | Typically "14D" refers to the disk size, and "R2" relates to series/tolerance. | | **UL Certification** | UL 1449 / UL 1414 | Recognized component for safety standards in the USA/Canada. | | **Mounting Type** | Through-hole | Radial leaded package for PCB mounting. | --- ### 2. Functional Characteristics Electronic parts like the W2SP-14D series operate on the principle of non-linear resistance. 1. **High Resistance State:** Under normal operating voltages, the MOV maintains high resistance (acting as an open circuit) and allows the device to function normally. 2. **Clamping Action:** When a high-voltage spike occurs (exceeding the varistor voltage), the resistance drops sharply. 3. **Energy Dissipation:** It shunts the excess current through itself, diverting the surge away from sensitive downstream components (like microprocessors or power ICs). --- ### 3. Key Technical Ratings While exact values depend on the specific voltage variant, the "14D" series generally follows these performance envelopes: * **Varistor Voltage:** Usually indicated by a 3-digit code (e.g., 471 = 470V). * **Max Peak Current (8/20µs):** Typically ranges from **4,500A to 6,000A** for a 14mm disk. * **Energy Absorption (10/1000µs):** Ranges from **50 to 150 Joules** depending on the voltage rating. * **Capacitance:** High parasitic capacitance (hundreds of pF), meaning it is best suited for AC power lines rather than high-speed data lines. --- ### 4. Applications This component is commonly found in: * **Power Supplies (SMPS):** Input protection against grid fluctuations. * **Home Appliances:** Protecting control boards in washing machines or refrigerators. * **Surge Protectors:** Multi-socket power strips. * **Industrial Controllers:** PLC inputs and motor starters. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific clamping voltage for the R2 variant of this MOV?
    • ⤷ Can this component be used in DC circuits as well as AC?
    • ⤷ How do I test if a W2SP-14D-R2/UL has failed after a power surge?