전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-1B1-R

  • AI
    The **W2SP-1B1-R** is a specific high-performance electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a similar magnetic component depending on the specific manufacturer series (often associated with brands like Cooper Bussmann/Eaton or similar industrial electronics suppliers). Below is a breakdown of its technical characteristics and typical applications. --- ### 1. Technical Specifications The part number usually follows a specific coding system. Here are the core electronic properties: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Wirewound Surface Mount | | **Inductance** | (Varies by sub-series, often 1.0 µH to 10 µH range) | | **Tolerance** | Usually ±20% | | **Core Material** | Ferrite or Powdered Iron (High saturation) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) | | **Packaging** | Tape and Reel (indicated by the `-R` suffix) | ### 2. Physical Construction The "W" in the prefix often denotes a **Wirewound** construction. This design involves: * **Copper Coil:** High-quality copper wire wound around a core to provide the necessary magnetic flux. * **Magnetic Shielding:** Many parts in this series are shielded to minimize Electromagnetic Interference (EMI), which is critical for dense PCB layouts. * **Terminations:** Solder-plated terminals designed for reflow soldering processes. ### 3. Key Electronic Features * **High Current Handling:** Designed to manage high DC currents without saturating the magnetic core. * **Low DCR (DC Resistance):** Minimized resistance to reduce power loss and heat generation, increasing the overall efficiency of the power circuit. * **RoHS Compliant:** The `-R` suffix at the end often signifies compliance with environmental regulations (Lead-free). ### 4. Common Applications These parts are generally used in power management stages, including: 1. **DC-DC Converters:** Step-up (Boost) or Step-down (Buck) regulators. 2. **Voltage Regulator Modules (VRM):** Used in computing and server environments. 3. **Battery Powered Devices:** Where high efficiency is required to extend battery life. 4. **Filtering:** Used in input/output filters to smooth current ripples. --- ### Comparison: Shielded vs. Unshielded In the context of the W2SP series, the construction is usually optimized for a balance between size and performance: | Feature | Shielded (Typical W2SP) | Unshielded | | :--- | :--- | :--- | | **EMI Leakage** | Very Low | High | | **Size** | Slightly larger footprint | Smaller | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What are the specific current ratings (Isat and Irms) for the W2SP-1B1-R?
    • ⤷ How does the footprint of this component compare to standard 0805 or 1210 SMD packages?
    • ⤷ Are there specific alternative parts from manufacturers like TDK or Murata?