W2SP-1B4-R2
AI

The **W2SP-1B4-R2** is a specific part number typically associated with high-performance **Cooling Fans**, specifically those manufactured by **Sanyo Denki** under their "San Ace" product line.
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki |
| **Series** | San Ace (Waterproof/Splash Proof) |
| **Rated Voltage** | 24V DC |
| **Operating Voltage Range** | 14V to 27.6V DC |
| **Rated Current** | 0.08A - 0.12A (approx.) |
| **Speed** | High Speed (approx. 4000+ RPM) |
| **Airflow** | ~25 - 30 CFM |
| **Static Pressure** | ~40 - 50 Pa |
| **Noise Level** | ~30 - 35 dB(A) |
| **Ingress Protection** | IP54 / IP55 (Splash Proof) |
---
## 2. Key Electronic Components & Features
### A. Motor Architecture
* **Brushless DC (BLDC) Motor:** The unit utilizes a 3-phase or single-phase BLDC motor, which eliminates mechanical wear from brushes, ensuring a longer lifespan (often rated for 40,000 to 100,000 hours).
* **Bearing System:** Usually equipped with **Dual Ball Bearings**. These are electronically balanced to reduce EMI (Electromagnetic Interference) and vibration.
### B. Protection Circuits
The internal PCB (Printed Circuit Board) includes several protective layers:
* **Locked Rotor Protection:** Automatically cuts or reduces power if the fan blades are physically obstructed to prevent the coils from burning out.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped during installation.
### C. Environmental Sealing (The "SP" Designation)
The "SP" in the part number stands for **Splash Proof**.
* **Encapsulation:** The internal electronics (stator and PCB) are coated in a specialized resin (potting).
* **Corrosion Resistance:** The motor components are treated to withstand high humidity and occasional water spray, making it ideal for outdoor telecommunications or industrial cabinets.
---
## 3. Wiring and Interface
The unit typically features a 2-wire or 3-wire lead configuration:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | Positive power input (24V). |
| **Black** | GND (-) | Negative power return. |
| **Yellow/White** | Sensor (Optional) | Usually a **Tachometer (FG)** signal to monitor RPM. |
---
## 4. Typical Applications
* **Industrial Inverters:** Used to cool power electronics that generate heat.
* **Outdoor Server Racks:** Protection against condensation and light rain.
* **Medical Equipment:** Reliable cooling for high-uptime diagnostic machines.
- ⤷
What is the difference between IP54 and IP68 ratings for this fan series?
- ⤷ Can this fan be controlled via PWM for variable speed?
- ⤷ What are the mounting dimensions for the W2SP-1B4-R2?