전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-1BC-R2

  • AI
    The **W2SP-1BC-R2** is a specific electronic component often categorized under high-precision **Thin Film Chip Resistors** or specialized surface-mount components. It is commonly manufactured by companies like **Susumu** or similar precision component specialists. --- ### 1. General Specifications The part number typically follows a standardized naming convention detailing its physical and electrical characteristics. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Configuration** | 2-terminal Surface Mount (SMD) | | **Precision** | High stability with low noise | | **Material** | Metal film on ceramic substrate | | **Mounting Type** | SMT (Surface Mount Technology) | ### 2. Breakdown of the Part Number While naming conventions can vary slightly by manufacturer, the code usually breaks down as follows: * **W2SP:** Refers to the series/product line (often indicating high-power or high-precision thin film). * **1B:** Typically represents the physical size or case code (e.g., 0603 or 0805 metric/inch equivalents). * **C:** Often denotes the temperature coefficient of resistance (TCR), representing stability over temperature changes. * **R2:** Usually indicates the resistance value (e.g., 0.2 Ohms or a specific value code) or a revision/packaging code. ### 3. Key Technical Characteristics Thin film resistors like the W2SP series are chosen for specific performance benefits: * **Low Noise:** Thin film construction results in significantly lower thermal noise compared to thick film resistors, making them ideal for audio and sensitive measurement circuits. * **High Tolerance:** These parts often feature tolerances as low as ±0.1% or ±0.05%. * **Reliability:** The "R2" designation often implies a specific RoHS compliance or a revised internal design for better moisture resistance (Anti-sulfur). * **Power Rating:** Designed to handle specific wattage (e.g., 1/16W to 1/4W) depending on the case size. ### 4. Common Applications Due to its precision, this part is found in: 1. **Medical Instrumentation:** For accurate sensor readings. 2. **Automotive Electronics:** Used in ECU and ADAS systems where temperature stability is critical. 3. **Telecommunications:** High-frequency signal processing. 4. **Test & Measurement:** Calibration equipment and multimeters. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value and tolerance for the W2SP-1BC-R2?
    • ⤷ Is the W2SP-1BC-R2 AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended soldering profile settings for this component?