전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-1BC-R2/Q

  • AI
    The **W2SP-1BC-R2/Q** is a high-performance electronic component, specifically a **Surface Mount Device (SMD) Power Inductor**. These parts are critical in power management circuits for energy storage and filtering. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics typical for this series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Inductance** | 1.0 – 4.7 (Variable by sub-model) | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | Low (mΩ range) | Ohms | | **Saturation Current** | High (optimized for transient loads) | Amps | | **Operating Temp** | -40 to +125 | °C | | **Package Size** | Compact SMD Footprint | mm | --- ### 2. Part Number Breakdown The nomenclature reveals the construction and qualification of the part: * **W2SP**: The series designation, usually indicating a Wire-wound Shielded Power inductor with specific core material (likely Metal Alloy or Ferrite). * **1BC**: Internal design code related to the footprint and height profile. * **R2**: Revision or specific inductance value identifier (often representing $0.22 \mu H$ or a specific batch revision). * **Q**: Indicates **AEC-Q200 Qualification**, meaning the part is tested for automotive-grade reliability (stress, vibration, and temperature resistance). --- ### 3. Key Features and Applications The W2SP-1BC-R2/Q is engineered for modern high-efficiency electronics. #### Features: * **Magnetic Shielding:** Reduces Electromagnetic Interference (EMI), allowing for high-density PCB layouts without cross-talk. * **High Current Handling:** Designed to maintain inductance even under heavy current loads (high saturation point). * **Robust Construction:** The "Q" rating ensures the component can survive harsh environments like engine compartments or industrial machinery. #### Common Applications: 1. **Automotive Systems:** ADAS cameras, infotainment units, and ECU power supplies. 2. **DC-DC Converters:** Used as the primary energy storage element in buck or boost regulators. 3. **Industrial IoT:** Power management for sensors and communication modules. --- ### 4. Typical Circuit Integration In a standard Buck Converter circuit, the W2SP-1BC-R2/Q is placed between the switching node and the output capacitor. ```markdown [Input Vin] --- [Switching IC] --- [W2SP Inductor] --- [Output Vout] | [Filter Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the R2 variant?
    • ⤷ How does AEC-Q200 qualification differ from standard industrial grades?
    • ⤷ Which manufacturers produce the W2SP series inductors?