전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-21B-R2

  • AI
    The **W2SP-21B-R2** is a specialized electronic component, typically classified as a **Precision Potentiometer** or a **Wirewound Variable Resistor**. It is commonly utilized in industrial control systems, instrumentation, and heavy machinery for position sensing or manual adjustment. --- ## Technical Specifications & Features The following table outlines the general electronic characteristics of the W2SP series: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Wirewound Potentiometer | | **Standard Resistance** | Often 1kΩ, 5kΩ, or 10kΩ (depending on specific R2 variant) | | **Power Rating** | 1.0W to 2.0W at 70°C | | **Tolerance** | ±5% (Standard) | | **Linearity** | ±0.25% to ±0.5% | | **Number of Turns** | Multi-turn (often 10-turn) | | **Shaft Material** | Stainless Steel or Plastic | --- ## Electronic Functionality ### 1. Resistance Mechanism As a **Wirewound** part, it consists of a resistance wire wound around a non-conductive mandrel. A sliding contact (wiper) moves across these windings. This provides high stability and low temperature coefficients compared to carbon film potentiometers. ### 2. Signal Feedback In the context of the "R2" revision, this part is frequently used as a **Voltage Divider**: * **Input:** A reference voltage is applied across the outer terminals. * **Output:** The center terminal (wiper) provides a variable voltage proportional to the physical rotation of the shaft. ### 3. Durability & Precision * **High Power Dissipation:** Being wirewound allows it to handle more current and heat than film-based resistors. * **Mechanical Life:** Designed for thousands of rotations with minimal degradation in electrical contact. --- ## Common Applications * **Industrial Actuators:** Sensing the position of a valve or motor arm. * **Calibration Equipment:** Used as a trimmer for high-precision laboratory instruments. * **Control Panels:** Manual input for speed or temperature settings where high resolution is required. --- ## Pinout Diagram (General) ```text Terminal 1: CW (Clockwise End) Terminal 2: Wiper (Output Signal) Terminal 3: CCW (Counter-Clockwise End) [ 1 ]-------[ 2 (Wiper) ]-------[ 3 ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the R2 variant?
    • ⤷ Is the W2SP-21B-R2 rated for high-vibration environments?
    • ⤷ Can this part be substituted with a digital potentiometer?