전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-223-R/N

  • AI
    Based on your inquiry, the **W2SP-223-R/N** appears to be a specific variant of a **rotary selector switch**, commonly used in industrial control panels. These components are designed for human-machine interface (HMI) applications to open or close electrical circuits manually. --- ### ## Technical Specifications Overview The "223" series typically signifies a 22mm diameter mounting hole, which is the global industrial standard. | Feature | Specification Details | | :--- | :--- | | **Mounting Diameter** | 22mm (Standard Industrial Size) | | **Switch Type** | Rotary Selector Switch | | **Positions** | 3 Positions (Left - Center - Right) | | **Operation Type** | **R:** Return (Spring return to center) / **N:** Non-Return (Maintained) | | **Contact Configuration** | Usually 2NO (Normally Open) or 1NO/1NC | | **Environmental Rating** | Often IP65 (Dust-tight, water-resistant) | --- ### ## Key Electronic Components #### 1. Contact Blocks The "electronic" heart of the switch is the contact block attached to the back of the actuator. * **Silver Alloy Contacts:** Used for high conductivity and to resist oxidation. * **Terminal Screws:** Standardized M3 or M3.5 screws for wiring. * **Electrical Rating:** Typically rated for **600V AC/DC** with a thermal current (Ith) of **10A**. #### 2. The Actuator (The Knob) The mechanical part that the user turns. * **Spring Mechanism (R-Suffix):** Contains a mechanical spring that forces the switch back to the neutral position once the user lets go. * **Detent Mechanism (N-Suffix):** Uses a ball-and-socket or notched mechanical path to "lock" the switch in the selected position. #### 3. Insulation and Safety * **Insulation Resistance:** Usually >100MΩ at 500V DC. * **Dielectric Strength:** Capable of withstanding 2500V AC for 1 minute without breakdown. --- ### ## Connection Example (Pseudocode Logic) If you are wiring this to a PLC (Programmable Logic Controller), the logic follows this structure: ```cpp // Logic for a 3-position selector (Maintained) if (Switch_Position == LEFT) { Activate_System_A(); } else if (Switch_Position == CENTER) { System_Idle(); } else if (Switch_Position == RIGHT) { Activate_System_B(); } ``` --- ### ## Usage Recommendations * **W2SP-223-R (Return):** Use this for "Jog" functions or momentary commands where you don't want the machine to stay running if the operator walks away. * **W2SP-223-N (Non-Return):** Use this for mode selection (e.g., switching between "Manual," "Off," and "Auto"). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and amperage rating for your specific application?
    • ⤷ Do you need the wiring diagram for a 2NO vs a 1NO/1NC contact configuration?
    • ⤷ Are you looking for a replacement part or designing a new control panel?