전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-2AD-R

  • AI
    The **W2SP-2AD-R** is a specific electronic signal conditioning module, typically categorized as a **dual-output signal isolated transmitter** (transducer). It is commonly used in industrial automation to convert, scale, and isolate analog signals. Below is an explanation of its electronic components and functional characteristics. --- ### 1. Functional Overview The primary purpose of this part is to take one analog input signal and provide two independent, isolated analog outputs. This is often used to send a sensor signal to both a local display and a remote PLC/DCS simultaneously without interference. ### 2. Electronic Specifications | Feature | Description | | :--- | :--- | | **Input Signal** | Typically DC signals (0-5V, 0-10V, or 4-20mA). | | **Output Signals** | Two independent analog outputs (configured at factory). | | **Isolation** | 3-port isolation (Input to Output 1 to Output 2 to Power). | | **Power Supply** | Usually 24V DC (the "R" suffix often indicates DC power). | | **Mounting** | Standard DIN Rail mounting. | | **Adjustment** | Zero and Span potentiometers on the front panel. | --- ### 3. Key Internal Electronic Components The device utilizes several stages of circuitry to ensure signal integrity: #### A. Input Conditioning Stage * **Precision Resistors:** Used to convert current signals (like 4-20mA) into internal voltage references. * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers used to buffer the incoming signal. #### B. Galvanic Isolation Circuitry * **Optocouplers or Transformers:** These components physically separate the input, output, and power circuits. This prevents ground loops and protects sensitive equipment from high-voltage surges. * **DC-DC Converter:** An internal transformer-based circuit that generates isolated power rails for the different sections of the module. #### C. Output Drive Stage * **Voltage/Current Drivers:** Transistors and op-amps designed to push the signal through long wires (high load resistance) without losing accuracy. * **Zero/Span Trim Potentiometers:** Variable resistors that allow the user to fine-tune the minimum (4mA/0V) and maximum (20mA/10V) points of the output. --- ### 4. Wiring Diagram Concept The unit usually features a terminal block layout similar to the following: ```text [ Power + ] [ Power - ] <-- DC Power Supply Input [ Input + ] [ Input - ] <-- Signal from Sensor/Source [ Out 1 + ] [ Out 1 - ] <-- Independent Output A [ Out 2 + ] [ Out 2 - ] <-- Independent Output B ``` --- ### 5. Application Example If you have a temperature sensor in a hazardous area, the **W2SP-2AD-R** acts as a bridge: 1. It receives the 4-20mA signal. 2. It **isolates** it to prevent electrical noise from the factory floor from reaching the controller. 3. It **splits** the signal: **Output 1** goes to a PLC for logic control, and **Output 2** goes to a paperless recorder for data logging.
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output ranges for the W2SP-2AD-R variant?
    • ⤷ How do you calibrate the Zero and Span on this module?
    • ⤷ What is the dielectric strength (isolation voltage) of this specific model?