전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-2B1-R2

  • AI
    The **W2SP-2B1-R2** is a specific part number primarily associated with **TE Connectivity / Alcoswitch** (and sometimes related to internal designations for industrial control panels or specialized relay sockets). In most electronic contexts, this refers to a **Plug-in Relay Socket** or an **Interface Module Component** designed for industrial automation. --- ### 1. Component Overview The W2SP-2B1-R2 is designed to act as an interface between a printed circuit board (PCB) or wiring system and an electromechanical relay. It facilitates easy replacement of the relay without desoldering. | Feature | Description | | :--- | :--- | | **Component Type** | Relay Socket / Interface Base | | **Mounting Type** | DIN Rail or Panel Mount | | **Termination Style** | Screw Terminals (typically) | | **Compatible Relays** | 2-Pole (DPDT) General Purpose Relays | | **Current Rating** | Typically 5A to 12A (model dependent) | --- ### 2. Key Technical Specifications While specific data can vary by the exact revision, the "R2" suffix often denotes a specific RoHS compliance or a revised mechanical housing. * **Pole Configuration:** 2-Pole (supporting Double Pole Double Throw - DPDT). * **Voltage Isolation:** High dielectric strength between the coil and contact circuits (typically >2000V). * **Physical Housing:** Flame-retardant plastic (UL 94V-0 rated). * **Safety Features:** Often includes a finger-safe design to prevent accidental contact with live terminals. --- ### 3. Connection Pinout Logic Most sockets in this series follow a standard numbering convention for 8-pin or 11-pin layouts: | Pin Type | Description | | :--- | :--- | | **Coil Terminals** | Connected to the relay's electromagnetic coil (A1/A2). | | **Common (COM)** | The moving contact input. | | **Normally Closed (NC)** | The contact closed when the coil is de-energized. | | **Normally Open (NO)** | The contact that closes only when the coil is energized. | --- ### 4. Applications The W2SP-2B1-R2 is commonly found in: 1. **Industrial Control Panels:** Linking PLCs (Programmable Logic Controllers) to high-power loads. 2. **HVAC Systems:** Controlling fans, compressors, or dampers. 3. **Manufacturing Machinery:** Acting as a replaceable wear-item for high-cycle switching. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the W2SP-2B1-R2 contacts?
    • ⤷ Which specific relay series is compatible with this socket?
    • ⤷ Does this part number include a built-in LED indicator or protection diode?