전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-2BB-R2/UL

  • AI
    The **W2SP-2BB-R2/UL** is a specialized electronic component typically associated with high-power industrial surge protective devices (SPDs) or power distribution blocks, often manufactured by companies like **Mersen** (formerly Ferraz Shawmut) or similar industrial electrical brands. --- ### ## Component Specification Overview This part is designed for thermal protection and circuit interruption in industrial power environments. Below is a breakdown of its primary characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Surge Protective Device (SPD) Module / Thermal Protector | | **Configuration** | 2-Pole (2BB - 2 Base/Bus) | | **Voltage Rating** | Typically 600V AC (varies by specific application) | | **Certification** | UL Recognized (Underwriters Laboratories) | | **Mounting** | DIN Rail or Panel Mount | | **Reset/Indicator** | R2 denotes specific visual or remote signaling options | --- ### ### Key Electronic Functionality 1. **Thermal Disconnection:** The "W2SP" series generally incorporates a patented thermal disconnect technology. In the event of an Overvoltage or "End-of-Life" surge event, the internal mechanism safely disconnects the MOV (Metal Oxide Varistor) to prevent catastrophic failure or fire. 2. **Modular Design:** The "2BB" designation indicates it is a two-module base configuration. This allows for easy replacement of individual protection cartridges without rewiring the entire system. 3. **Visual and Remote Monitoring:** The **R2** suffix usually indicates the inclusion of **Remote Indication Contacts**. This is a dry contact (form C) that allows the system to send a signal to a PLC or monitoring station if the device has tripped or failed. --- ### ### Typical Internal Components To understand how this part functions electronically, it is comprised of the following: * **MOV (Metal Oxide Varistor):** The core component that clamps high-voltage spikes to a safe level. * **Thermal Fuse/Link:** A heat-sensitive bridge that melts if the MOV overheats due to sustained overvoltage. * **Micro-switch:** Activated by the mechanical movement of the thermal fuse to provide the "R2" remote signal. * **Arc Shielding:** Internal barriers to prevent internal arcing during a disconnect event. --- ### ### Safety and Standards As indicated by the **UL** suffix, this component meets strict safety standards for surge suppression (likely UL 1449). This ensures that under fault conditions, the device fails in a "fail-safe" mode, protecting the downstream sensitive electronics.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the R2 remote contact signal?
    • ⤷ How does the W2SP-2BB-R2/UL compare to a standard circuit breaker?
    • ⤷ What is the maximum surge current capacity (Imax) for this specific model?