전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2SP-2CD-R/Q

  • AI
    ## Electronic Overview: W2SP-2CD-R/Q The **W2SP-2CD-R/Q** is a specialized electronic component, typically classified as a **miniature signal relay** or a specific **terminal relay module** often found in industrial automation and PCB control circuits. Below is a breakdown of its technical specifications, construction, and electronic characteristics. --- ### 1. Technical Specifications This component is designed for high-density mounting and reliable switching of low-level signals. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromechanical Relay / Terminal Relay | | **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Material** | Gold-clad Silver (Au-Ag) for high conductivity | | **Switching Current** | Max 1A to 2A (Signal level) | | **Mounting Type** | PCB Through-hole or Socket Mounted | | **Protection** | Sealed (Washable) construction | --- ### 2. Key Electronic Parts & Construction The device consists of four primary internal assemblies: 1. **The Electromagnetic Coil:** * Composed of fine copper winding around a core. * When energized, it creates a magnetic field to move the armature. * Usually includes a **built-in diode** (in the "Q" or "R" variants) for surge suppression to protect the driving transistor. 2. **The Armature and Spring System:** * A mechanical linkage that responds to the magnetic field. * The "R" suffix often indicates a highly sensitive or specific reset characteristic in the spring mechanism. 3. **Contact Points (DPDT):** * Contains two independent sets of switching contacts. * The **Gold-cladding** is critical for preventing oxidation, ensuring the relay can switch "dry circuits" (very low voltage/current) without failure. 4. **Housing/Encapsulation:** * Made of PBT (Polybutylene Terephthalate) plastic. * The "Q" suffix usually denotes a specific quality standard or a quick-connect/pin configuration variant. --- ### 3. Application Circuit Example When integrating this part into a circuit, a protection diode and a switching transistor are standard requirements. ```cpp // Schematic representation of the Coil Drive [VCC 24V] --- [Relay Coil (+)] | +----|<---- [Flyback Diode] | [MCU Pin] --- [Resistor] --- [NPN Transistor Base] | [Collector to Coil (-)] | [Emitter to GND] ``` --- ### 4. Part Suffix Meanings * **W2SP:** Series identifier (Miniature Power/Signal Series). * **2CD:** Indicates 2-Pole (Double Pole) Change-over contacts. * **R:** Often refers to "Reflow solderable" or a specific "High Sensitivity" coil. * **Q:** Generally indicates a specific packaging type or a "Quick-response" capability. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2SP-2CD-R/Q?
    • ⤷ Does this relay require a specific socket for DIN rail mounting?
    • ⤷ What are the power consumption specs for the 24V coil version?