전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-121-R2

  • AI
    The **W2TG0-121-R2** is a specific technical assembly, typically identified as a **12.1-inch Industrial Touchscreen Display/Monitor module**. These parts are commonly used in industrial automation, kiosks, and medical equipment. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Core Technical Specifications The unit is characterized by its ruggedized design and specific interface protocols for industrial environments. | Feature | Specification | | :--- | :--- | | **Display Size** | 12.1-inch Diagonal | | **Resolution** | Usually 1024 x 768 (XGA) or 800 x 600 (SVGA) | | **Backlight Type** | LED (Long Life, typically 50,000 hrs) | | **Touch Technology** | Resistive (5-wire) or Projected Capacitive (P-CAP) | | **Aspect Ratio** | 4:3 | | **Brightness** | High Luminance (350 - 500 nits) | --- ### 2. Key Electronic Components The "R2" suffix often denotes a specific hardware revision. The assembly consists of several interconnected electronic sub-systems: #### A. LCD Controller Board (A/D Board) * **Function:** Converts incoming video signals (VGA, DVI, or HDMI) into the LVDS (Low-Voltage Differential Signaling) format used by the LCD panel. * **Input Voltage:** Usually operates on a 12V DC input. #### B. Touch Screen Controller * **Interface:** Connects via USB or RS-232 (Serial). * **IC Chip:** Often uses chips from manufacturers like PenMount or EETI to translate physical pressure/touch into coordinates. #### C. LED Driver (Inverter) * **Purpose:** Provides the specific constant current required to power the LED backlight string. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness adjustment. #### D. OSD (On-Screen Display) Keypad * **Controls:** External board with buttons for Menu, Power, Auto-adjust, and Brightness control. --- ### 3. Connection Interfaces In an industrial setup, the electronic pinouts are usually standardized as follows: 1. **Video:** VGA (D-Sub 15) and DVI-D are standard for the R2 revision. 2. **Power:** 2.1mm DC Jack or a 2-pin Phoenix Terminal Block for secure industrial wiring. 3. **Touch:** USB Type-B or 9-pin Serial. --- ### 4. Environmental Protection Because this part is often used in factory floors, the electronics are protected by: * **Anti-Glare Coating:** To reduce reflections from overhead warehouse lighting. * **Wide Temperature Capacitors:** Rated to handle fluctuations from $0^{\circ}C$ to $50^{\circ}C$ (or higher in extended versions).
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the W2TG0-121-R2?
    • ⤷ Does this model support multi-touch gestures?
    • ⤷ Is there a datasheet available for the LVDS pinout of this specific revision?