전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-141-R2/N

  • AI
    The **W2TG0-141-R2/N** is a specialized high-performance RF (Radio Frequency) component, specifically a **Coaxial Termination** (also known as a "Dummy Load"). These components are critical in RF engineering to safely dissipate power and prevent signal reflection. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Coaxial RF Termination (Load) | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | Likely SMA or N-Type (Series dependent) | | **Mounting Style** | Threaded / Connectorized | | **Application** | RF Testing, Signal Termination, Isolation | --- ## Key Electronic Characteristics ### 1. Impedance Matching (50Ω) The primary electronic function of this part is to provide a precise **50-ohm resistance**. In RF systems, if a transmission line is left "open," signals reflect back to the source, potentially destroying sensitive equipment like power amplifiers. The W2TG0 series absorbs this energy. ### 2. VSWR (Voltage Standing Wave Ratio) The "R2" in the part number often signifies a specific revision or performance tier regarding **VSWR**. A low VSWR (typically <1.2:1) indicates that the part is highly efficient at absorbing the signal with minimal reflection. ### 3. Power Dissipation While compact, these parts are designed to convert RF electrical energy into heat. The material composition usually involves high-grade ceramic or metallic housings to facilitate thermal transfer. --- ## Internal Components & Construction * **Resistive Element:** Usually a thin-film or thick-film resistor deposited on a ceramic substrate (like Beryllium Oxide or Aluminum Nitride) to handle high frequencies without inductive interference. * **Housing:** Nickel or Gold-plated brass/stainless steel to ensure high conductivity and corrosion resistance. * **Center Pin:** Often Gold-plated to minimize contact resistance and ensure signal integrity at the connection point. --- ## Common Applications * **Isolators:** Used on the "dump" port of an RF isolator to absorb reflected power. * **Testing:** Terminating unused ports on a power divider or directional coupler during lab measurements. * **Antenna Systems:** Acting as a placeholder for antennas during transmitter maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2TG0 series?
    • ⤷ How does VSWR affect the lifespan of an RF termination?
    • ⤷ What are the differences between SMA and N-type connectors for this part?