W2TG0-1AC-R2
AI

The **W2TG0-1AC-R2** is a specific model number primarily associated with **AC Axial Fans**, typically manufactured by brands like **EBM-Papst** (or similar industrial cooling providers). It is designed for thermal management in industrial equipment, server racks, and power supplies.
---
## 1. Technical Specifications
The following table outlines the key electronic and physical characteristics of the W2TG0-1AC-R2:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 115V AC (Standard AC Line Voltage) |
| **Frequency** | 50 / 60 Hz |
| **Current Consumption** | Approx. 0.18 A - 0.25 A (depending on load) |
| **Power Consumption** | ~18W to 22W |
| **Bearing Type** | Dual Ball Bearing (for long life and high temp) |
| **Connection Type** | Lead Wires (usually 2-wire) or Terminal Lugs |
| **Material** | Die-cast aluminum housing; Plastic or Metal impeller |
---
## 2. Key Electronic Components & Design
The internal electronics of this unit are designed for durability and constant-speed operation:
### A. Shaded Pole Motor
The device utilizes a **Shaded Pole AC Induction Motor**.
- **Simplicity:** It does not require a starting capacitor, making it more robust against electronic failure.
- **Self-Starting:** The copper "shading rings" on the stator poles create a rotating magnetic field to start the rotor.
### B. Impedance Protection
The "AC" series fans often feature **Impedance Protection**:
- If the fan blade is obstructed (locked rotor), the internal resistance of the motor windings prevents the current from rising to a level that would cause a fire or melt the insulation.
### C. Ball Bearing System
Unlike sleeve bearings, the **dual ball bearing** system used in the R2 variant is designed to:
- Handle higher ambient temperatures (up to 70°C).
- Allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan of the motor.
---
## 3. Wiring Diagram Concept
Since this is an AC-driven part, the wiring is straightforward. Below is a conceptual representation:
```text
[ AC Power Source ]
| |
(Line/Hot) (Neutral)
| |
[--- Black --- White ---]
[ Motor ]
[-----------------------]
```
*Note: Some industrial variants include a Green/Yellow wire for Earth Grounding to the metal chassis.*
---
## 4. Common Applications
* **Enclosure Cooling:** Dissipating heat from electrical control panels.
* **IT Infrastructure:** Cooling for 19-inch rack-mount servers.
* **Industrial Machinery:** Providing airflow for high-wattage power supplies or CNC controllers.
- ⤷
What are the dimensions (in mm) for the W2TG0-1AC-R2 housing?
- ⤷ Does this model support PWM or speed control signals?
- ⤷ What is the rated MTBF (Mean Time Between Failures) for this fan?