전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-1B2-R

  • AI
    ## Technical Overview of W2TG0-1B2-R The **W2TG0-1B2-R** is a specific electronic component typically identified as a **tactile switch** or a low-profile electromechanical part. While part numbers can vary slightly between manufacturers (commonly associated with brands like **Well Buying** or specific industrial suppliers), it generally refers to a miniature, surface-mount or through-hole interface component. --- ### Key Specifications Below are the typical electrical and mechanical characteristics associated with this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Insulation Resistance** | 100MΩ Min at 100V DC | | **Dielectric Strength** | 250V AC for 1 Minute | | **Operating Force** | 160gf to 250gf (Depending on sub-variant) | | **Travel distance** | 0.25mm ± 0.1mm | | **Operating Life** | 100,000 to 500,000 Cycles | --- ### Internal Electronic Construction The device functions as a **SPST (Single Pole Single Throw)**, Normally Open (NO) switch. Its internal parts include: 1. **The Cover:** Usually stainless steel or high-temperature plastic to protect the internal dome. 2. **The Actuator (Stem):** The physical button pressed by the user. The "1B2" suffix often denotes the height or color of this stem. 3. **The Contact Dome:** A metallic "snap" dome that provides tactile feedback and completes the circuit when depressed. 4. **The Base:** A heat-resistant molded resin that houses the terminals. 5. **Terminals:** Silver-plated or gold-plated brass for soldering onto a PCB. --- ### Application Usage These parts are commonly found in: * **Consumer Electronics:** Volume buttons, power toggles, and selection keys. * **Industrial Controls:** Reset switches on embedded boards. * **Peripherals:** Computer mice, keyboards, and handheld scanners. --- ### Terminal Configuration Example In a standard 4-pin tactile switch layout, the internal wiring usually looks like this: ```text Pin 1 --- Pin 2 (Connected Internally) | | [ Switch Gap ] | | Pin 3 --- Pin 4 (Connected Internally) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (footprint) of the W2TG0 series?
    • ⤷ Are there waterproof (IP67) versions of this specific switch?
    • ⤷ What does the 'R' suffix indicate regarding packaging (e.g.
    • ⤷ Tape & Reel)?