전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-1B2-R2/N

  • AI
    Based on the part number provided, the **W2TG0-1B2-R2/N** typically refers to a high-performance **Thin Film Power Attenuator** or a specialized resistor component, often manufactured by companies like **Susumu** (or similar precision component specialists). --- ## 1. Component Overview These parts are designed for high-frequency applications where signal integrity and power dissipation are critical. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Thin Film Power Attenuator / Resistor | | **Technology** | Thin Film (TaN or NiCr on Ceramic) | | **Impedance** | Typically 50 $\Omega$ (Standard for RF) | | **Attenuation Value** | Indicated by the "2" (often 2 dB) | | **Mounting Type** | Surface Mount (SMD) | | **Termination** | Lead-free / RoHS Compliant | --- ## 2. Part Number Breakdown (Estimated) While specific internal codes vary by manufacturer, here is the standard breakdown for this series: * **W2T**: Series designation (Wide terminal / High power series). * **G0**: Internal designator for frequency response (often DC to 10GHz or 20GHz). * **1B2**: * **1B**: Package size code (e.g., 0603 or 1206 equivalent footprint). * **2**: Attenuation value (2 dB). * **R2**: Revision or tolerance code (specific to VSWR or power rating). * **N**: Packaging or specific material finish (e.g., Tape and Reel). --- ## 3. Key Technical Characteristics ### A. High Frequency Performance The "Thin Film" construction allows for extremely low parasitic capacitance and inductance. This ensures the component maintains a flat frequency response even into the GHz range, preventing signal distortion. ### B. Power Handling The "W" prefix often indicates a **Wide Terminal** construction. By placing the terminals on the long sides of the rectangular chip rather than the short sides: 1. **Thermal Path:** The heat has a shorter distance to travel to the PCB pads. 2. **Current Density:** It can handle higher currents compared to standard 0603/1206 parts. ### C. Precision Thin film deposition provides tighter tolerances (often $\pm$0.1dB to $\pm$0.5dB) compared to thick film alternatives, which is vital for RF gain stages. --- ## 4. Typical Applications * **Base Stations:** Signal leveling in 4G/5G infrastructure. * **Measurement Equipment:** Precise signal reduction in oscilloscopes or spectrum analyzers. * **Satellite Communications:** High-reliability RF front ends. * **Automotive Radar:** ADAS systems operating at high frequencies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the W2TG0 series?
    • ⤷ How does wide-terminal construction improve thermal management compared to standard SMD parts?
    • ⤷ What are the common impedance options available for this specific part number?