전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-1CB-R

  • AI
    The **W2TG0-1CB-R** is a high-performance **External Wi-Fi/Bluetooth Antenna** manufactured by **Laird Connectivity** (now part of Ezurio). It is specifically designed for integration with wireless modules and embedded systems that require robust 2.4 GHz and 5 GHz connectivity. --- ## 1. Technical Specifications This component is a dual-band dipole antenna. Below are the key electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 - 2.5 GHz / 5.15 - 5.875 GHz | | **Peak Gain (2.4 GHz)** | 2.0 dBi | | **Peak Gain (5 GHz)** | 2.0 dBi | | **VSWR** | < 2.0:1 | | **Impedance** | 50 Ohms | | **Polarization** | Vertical, Omni-directional | | **Connector Type** | RP-SMA (Reverse Polarity SMA) | | **Mounting Style** | Terminal (Swivel / Tilt) | --- ## 2. Key Electronic Features ### Dual-Band Versatility The "W2TG0" series is engineered to support both legacy **802.11b/g/n** (2.4 GHz) and modern high-speed **802.11ac/ax** (5 GHz) standards. This makes it ideal for Bluetooth, Wi-Fi 5, and Wi-Fi 6 applications. ### Dipole Design As a dipole antenna, it functions as a "center-fed" conductor. This design allows it to operate independently of a ground plane, meaning its performance is consistent regardless of the material of the enclosure it is attached to. ### VSWR (Voltage Standing Wave Ratio) The VSWR of **< 2.0:1** indicates high efficiency in power transfer from the transmitter to the antenna. This minimizes signal reflection back into the radio module, preventing damage to the RF front-end and maximizing range. --- ## 3. Physical Construction and Connector * **RP-SMA Connector:** The "R" at the end of the part number typically denotes a **Reverse Polarity SMA** connector. This is the industry standard for Wi-Fi equipment to comply with FCC regulations (preventing consumers from attaching high-gain "unauthorized" antennas). * **Swivel/Hinge Mechanism:** The "1CB" configuration includes a knuckle joint that allows the antenna to rotate 360° and tilt 90°, allowing users to orient the antenna for optimal signal polarization. --- ## 4. Typical Applications This part is commonly used in industrial and commercial environments, including: * **IoT Gateways:** Connecting industrial sensors to a local network. * **Medical Equipment:** Providing reliable wireless data transmission for mobile carts. * **Enterprise Routers:** External antennas for Wi-Fi access points. * **Embedded Development:** Used with boards like the Raspberry Pi (with U.FL to RP-SMA pigtails) or Jetson Nano.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMA and an RP-SMA connector for this antenna?
    • ⤷ Does this antenna require a ground plane for optimal performance?
    • ⤷ Is the W2TG0-1CB-R compatible with Wi-Fi 6E (6 GHz) frequencies?