전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-1DC-R2

  • AI
    The **W2TG0-1DC-R2** is a specialized electronic component, typically categorized as a high-performance **RF (Radio Frequency) and Microwave Termination** or a high-power fixed attenuator/load. These parts are critical in telecommunications, aerospace, and defense electronics. Below is a breakdown of its technical specifications and functional attributes. --- ### 1. Technical Specifications The part is designed to handle high frequencies and manage thermal energy dissipation effectively. | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Termination / Dummy Load | | **Impedance** | 50 Ohms (Standard) | | **Power Rating** | High Wattage (typically 10W - 100W depending on cooling) | | **Frequency Range** | DC up to 4.0 GHz or higher (Model specific) | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | | **Mounting Style** | Flange Mount / Bolt-down | --- ### 2. Physical Construction The "R2" suffix often denotes a specific revision or ROHS compliance status. The physical design focuses on two main goals: * **RF Integrity:** Using thin-film or thick-film resistive elements to maintain a constant impedance, preventing signal reflections. * **Heat Dissipation:** The "1DC" designation often refers to the physical footprint. It features a copper or nickel-plated flange that must be bolted directly to a heat sink to prevent the component from burning out under high load. --- ### 3. Key Applications This component is used wherever an RF signal needs to be "absorbed" without reflecting power back into the source. 1. **Isolators & Circulators:** Used as a load for the third port of a circulator to protect high-power amplifiers. 2. **Transmitter Testing:** Acts as a "Dummy Load" to test radio equipment without broadcasting over the air. 3. **Signal Distribution:** Terminates unused ports in power dividers or couplers to maintain system balance. 4. **Base Stations:** Integrated into cellular infrastructure for signal management. --- ### 4. Handling and Installation * **Thermal Paste:** Always apply a thin layer of thermal interface material (TIM) between the bottom flange and the heat sink. * **Torque:** Follow specific torque requirements for the mounting screws to ensure flat contact with the cooling surface. * **Lead Stress:** Avoid excessive bending of the input tab, as the ceramic substrate inside is brittle and prone to cracking under mechanical stress.
    ✨ Follow-up Questions
    • ⤷ What are the specific power dissipation limits for the W2TG0-1DC-R2?
    • ⤷ How does BeO substrate differ from AlN in these RF components?
    • ⤷ What is the typical VSWR rating for this part at 2.5 GHz?