W2TG0-2B2-R
AI

The **W2TG0-2B2-R** is a specific electronic component within the category of **High-Frequency Microwave/RF Attenuators**. These parts are designed to reduce the power of a signal without significantly distorting its waveform, primarily used in high-speed data transmission and telecommunications.
---
### 1. Component Classification
The part number belongs to the **W2TG** series, typically associated with **SMD (Surface Mount Device) Thin Film Attenuators**.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Fixed RF Attenuator |
| **Technology** | Thin Film on Ceramic Substrate |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Impedance** | Usually 50 Ohms (standard for RF) |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer (such as Susumu or specialized RF vendors), the alphanumeric code generally breaks down as follows:
* **W2TG**: Series identifier (High frequency, wideband performance).
* **0**: Power rating or specific package size code.
* **2B2**: Attenuation value. In RF coding, the "B" often acts as a decimal point. This signifies **2.2 dB** of attenuation.
* **R**: Packaging suffix (typically stands for **Tape & Reel**).
---
### 3. Key Electronic Characteristics
These parts are engineered for precision in high-frequency environments.
* **Wide Frequency Range:** Typically operates from DC up to 10GHz or 20GHz (depending on the specific series rating).
* **Low VSWR (Voltage Standing Wave Ratio):** Designed to minimize signal reflection, ensuring that the signal passes through the component with minimal loss of integrity.
* **High Precision:** Thin film technology allows for very tight tolerances on the attenuation value (often within ±0.1dB to ±0.5dB).
* **Compact Footprint:** Designed for high-density PCB layouts in mobile devices and base stations.
---
### 4. Common Applications
The W2TG0-2B2-R is found in circuits where signal levels need to be adjusted precisely to match the input range of a receiver or to prevent overloading an amplifier.
1. **5G Base Stations:** Managing signal strength between power amplifiers.
2. **Test & Measurement:** Used in signal generators and spectrum analyzers.
3. **Optical Networking:** Adjusting levels in high-speed optical transceivers.
4. **Satellite Communication:** Signal conditioning in LNBs (Low Noise Block downconverters).
---
- ⤷
What are the power rating limitations for the W2TG series?
- ⤷ How does thin film technology compare to thick film in RF attenuators?
- ⤷ What is the specific footprint/package size for the W2TG0-2B2-R?