전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-2D1-R

  • AI
    The **W2TG0-2D1-R** is a high-performance fan controller or motor driver module typically used in industrial cooling systems and server thermal management. It is designed to regulate the speed and efficiency of fans (usually AC or DC brushless motors) based on thermal requirements. --- ### 1. Key Technical Specifications The following table highlights the general electronic parameters for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Fan Speed Controller / Driver Module | | **Input Voltage Range** | Typically 115V / 230V AC (Application dependent) | | **Control Signal** | PWM (Pulse Width Modulation) or 0-10V Analog | | **Output Type** | Variable Frequency / Voltage for Motor Control | | **Mounting Style** | Integrated / Panel Mount | | **Protection Features** | Overcurrent, Overvoltage, Locked Rotor Protection | --- ### 2. Core Electronic Components The internal circuitry of a module like the W2TG0-2D1-R generally consists of several critical functional blocks: * **Rectifier Section:** Converts incoming AC power to high-voltage DC to power the motor. * **Inverter / Power Stage:** Uses MOSFETs or IGBTs to switch power to the motor windings, creating the necessary phase rotation for movement. * **Microcontroller (MCU):** The "brain" that interprets incoming control signals (like PWM from a motherboard) and calculates the required duty cycle for the motor. * **Feedback Sensors:** Hall effect sensors or back-EMF sensing circuitry are used to monitor the RPM (Tachometer output) and detect if the fan has stalled. --- ### 3. Connection and Pinout Logic While specific pinouts vary by manufacturer (often EBM-Papst or similar industrial brands), the electronic interface usually follows this logic: 1. **VCC/Line:** Main power supply input. 2. **GND/Neutral:** Power return path. 3. **PWM Input:** Receives a square wave signal; the duty cycle determines the speed. 4. **Tach Out (FG):** Sends a frequency signal back to the controller to report actual RPM. 5. **0-10V Input:** An alternative analog control method used in PLC systems. --- ### 4. Common Applications * **Server Racks:** Precisely adjusting airflow to minimize noise and power consumption. * **HVAC Systems:** Controlling small blowers or exhaust fans. * **Industrial Enclosures:** Protecting sensitive electronics from overheating through active cooling management.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2TG0-2D1-R?
    • ⤷ How do I wire a 4-wire PWM signal to this specific module?
    • ⤷ Is this module compatible with 3-phase AC motors?