W2TG0-2D1-R2/N
AI

The **W2TG0-2D1-R2/N** refers to a specific configuration of a high-performance **AC Axial Fan**, typically manufactured by brands like **EBM-Papst**. These components are widely used for thermal management in industrial equipment, server racks, and power supply units.
---
### 1. Component Specifications
The following table outlines the typical technical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | AC Axial Fan |
| **Voltage Range** | 230V AC (Nominal) |
| **Frequency** | 50 / 60 Hz |
| **Airflow** | High volume (approx. 40–50 CFM depending on housing) |
| **Bearing Type** | Ball Bearing (Long life) |
| **Termination** | Wire Leads (indicated by "W") |
| **Housing Material** | Die-cast Aluminum / Metal |
---
### 2. Breakdown of the Model Code
The alphanumeric string provides specific details about the electronic and mechanical construction:
* **W**: Usually denotes a "Wall" or "Wire" configuration (Wire leads for electrical connection).
* **2T**: Often refers to the motor type or pole configuration (e.g., 2-pole shaded pole motor).
* **G0**: Internal design code related to the impeller geometry or motor size.
* **2D1**: Indicates the voltage and phase (2 = 230V, D = Dual frequency compatible).
* **R2/N**: Revision codes and specific environmental protection ratings (e.g., standard moisture protection).
---
### 3. Key Electronic Features
#### A. Shaded Pole Motor
The fan utilizes a shaded pole AC motor. This is a simple, robust design that does not require a starting capacitor. It is highly reliable for continuous-duty applications but has lower efficiency compared to DC brushless motors.
#### B. Impedance Protection
Most fans in this series are **impedance protected**. If the fan blades are physically blocked (locked rotor), the internal resistance of the motor windings prevents the current from rising to a level that would cause a fire or melt the insulation.
#### C. EMI/RFI Considerations
Because it operates on AC power, this fan generates very little Electromagnetic Interference (EMI) compared to PWM-controlled DC fans, making it ideal for sensitive analog equipment.
---
### 4. Typical Applications
* **Server Enclosures:** For exhausting hot air from the rear of a rack.
* **Industrial Control Panels:** Cooling PLCs and high-voltage power supplies.
* **Medical Equipment:** High-reliability cooling for diagnostic machines.
---
- ⤷What is the difference between impedance protection and thermal protection in AC fans?
- ⤷ How do I wire a 230V AC fan to a standard power source?
- ⤷ What are the environmental ratings (IP ratings) for the R2/N variant?