전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-2D2-R2/N

  • AI
    Based on the part number provided, this refers to a **Stepping Motor Driver** (specifically from the **AZ Series** by Oriental Motor). This specific model is a DC input, pulse-input type driver designed for high-precision motion control. ### 1. Technical Specifications Overview The W2TG0-2D2-R2/N is an electronic control unit that translates logic signals into precise motor phases. | Feature | Specification | | :--- | :--- | | **Series** | AZ Series (AlphaStep) | | **Input Type** | DC Input (typically 24-48VDC) | | **Control Interface** | Pulse-Input Type | | **Resolution** | High-resolution (can reach 0.36° steps or microstepping) | | **Safety Standard** | Usually includes STO (Safe Torque Off) functionality | | **Communication** | Pulse/Direction or 2-wire logic | --- ### 2. Key Electronic Components & Subsystems The internals of this driver consist of several critical electronic blocks: #### A. Power Stage (Inverter Bridge) * **MOSFET/IGBT Array:** The driver uses a H-bridge configuration to switch the DC current to the motor windings. * **Current Sensing:** Shunt resistors and operational amplifiers monitor the phase current to ensure the motor doesn't overheat and to maintain high torque at high speeds. #### B. Logic & Processing Unit * **DSP/Microcontroller:** This acts as the "brain," calculating the pulse sequences and managing the absolute sensor data from the motor. * **ASIC (Application-Specific Integrated Circuit):** Oriental Motor uses proprietary chips to handle the **AlphaStep** closed-loop technology, which prevents the motor from losing synchronization. #### C. Absolute Sensor Interface * **Battery-free Mechanical Encoder Support:** A unique feature of this series is the ability to read the **ABZO sensor**. The electronics include a complex decoding circuit to track the motor's position without requiring a backup battery. --- ### 3. Connection & Interface Pinout The driver features several electronic interfaces for integration: 1. **CN1 (Power Connector):** Connections for DC power input and regeneration resistors. 2. **CN4 (I/O Connector):** * **Pulse/Direction Inputs:** Optocoupler-isolated inputs to prevent electrical noise from the controller. * **Alarm/Ready Outputs:** Open-collector transistors used for status signaling. 3. **CN5 (Motor Connector):** Output phases for the stepper motor (A/B phases). 4. **CN2/CN3:** Feedback ports for the encoder/sensor signal. --- ### 4. Critical Protective Circuits To ensure longevity, the W2TG0-2D2-R2/N includes: * **Overvoltage Protection:** Shuts down if the DC bus voltage spikes due to back-EMF during deceleration. * **Overcurrent Protection:** Prevents damage in case of a short circuit in the motor leads. * **Thermal Monitoring:** Internal sensors that trigger an alarm if the heatsink temperature exceeds safety limits.
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage range required for this driver?
    • ⤷ How does the 'ABZO' battery-free sensor work within this driver system?
    • ⤷ What are the differences between the R2 and N variants in this model number?