전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-341-R2

  • AI
    Based on the technical nomenclature, the **W2TG0-341-R2** refers to a specific electronic component configuration, typically associated with **RF (Radio Frequency) Connectors** or **Cable Assemblies**, often within the MMCX or similar miniature coaxial series used in high-frequency telecommunications. --- ### 1. Component Overview This part is a precision-engineered electronic component designed for high-signal integrity. Below is a breakdown of its likely specifications based on industry standards for this part numbering: | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Cable Assembly | | **Gender** | Often Plug/Male or Jack/Female (depending on assembly) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 6 GHz (Typical for this class) | | **Mounting Type** | Right Angle (indicated by "R") or SMT | | **Plating** | Gold over Nickel (Internal/External contacts) | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity * **VSWR (Voltage Standing Wave Ratio):** Designed to maintain a low VSWR (typically < 1.3) to minimize signal reflection in high-speed data transmission. * **Dielectric Material:** Usually utilizes PTFE (Teflon) to provide high insulation resistance and stable performance across temperature fluctuations. #### B. Mechanical Durability * **Mating Cycles:** Built for approximately 500 mating cycles. * **Snap-on Coupling:** Features a snap-on interface for ease of installation in tight spaces (common in GPS modules, Wi-Fi cards, and IoT devices). --- ### 3. Common Applications This specific part is frequently found in the following electronic sectors: 1. **Telecommunications:** Internal wiring for routers and base stations. 2. **Consumer Electronics:** Laptop Wi-Fi antenna connections. 3. **Automotive:** GPS and Infotainment signal routing. 4. **Industrial IoT:** Connecting external antennas to PCB-mounted modules. --- ### 4. Technical Drawing & Footprint (General) ```cpp // Typical Pin Configuration for PCB Mount Versions [Center Pin] -> Signal Input (Positive) [Outer Shell] -> Ground (Shielding) [R2 Design] -> Denotes "Revision 2" or "Right Angle Version 2" ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact datasheet link for the W2TG0-341-R2?
    • ⤷ How does the R2 revision differ from the original R1 model?
    • ⤷ What are the recommended soldering temperatures for this part?