전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-3B3-R

  • AI
    The **W2TG0-3B3-R** is a specific high-frequency electronic component, typically classified as a **Directional Coupler** or a passive RF (Radio Frequency) component. These parts are essential in telecommunications and signal processing for monitoring or splitting signals without interrupting the main transmission line. --- ## Technical Specifications & Features Below is a breakdown of the typical electronic characteristics for this part series: | Feature | Description | | :--- | :--- | | **Component Type** | Directional Coupler | | **Frequency Range** | Usually optimized for GHz ranges (e.g., 2.4GHz - 6GHz) | | **Impedance** | Standard 50 Ohms | | **Coupling Value** | Measured in dB (defines how much power is sampled) | | **Package Type** | Surface Mount Device (SMD) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## Internal Electronic Functionality The W2TG0-3B3-R operates based on electromagnetic coupling between two transmission lines placed in close proximity. ### 1. Signal Pathing * **Input Port:** Where the high-frequency signal enters. * **Output Port:** Where the majority of the signal exits with minimal loss (Insertion Loss). * **Coupled Port:** A fraction of the input power is diverted here to be measured or sampled. * **Isolated Port:** Usually terminated to prevent reflections. ### 2. Key Performance Metrics * **Insertion Loss:** The amount of power lost from the input to the output. Lower is better for efficiency. * **Directivity:** The ability of the coupler to distinguish between forward and backward waves. * **VSWR (Voltage Standing Wave Ratio):** Measures how well the component is matched to the 50-ohm system to prevent signal reflection. --- ## Common Applications These parts are integrated into complex RF circuits for the following purposes: 1. **Power Monitoring:** Measuring the output power of a cellular base station or Wi-Fi router. 2. **Antenna Tuning:** Detecting reflected power to ensure the antenna is properly matched. 3. **Signal Leveling:** Used in feedback loops to keep signal strength constant across varying conditions. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coupling value in dB for the W2TG0-3B3-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this component be used in 5G infrastructure applications?