AI

The part number **W2TG0-3BC-R** identifies a specific **Solid State Drive (SSD)** manufactured by **SK Hynix**. This component is primarily used as high-speed storage in laptops, desktops, and enterprise workstations.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The W2TG0-3BC-R is part of the SK Hynix PC711 or similar client SSD series, known for balancing power efficiency with high-speed NVMe performance.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | SK Hynix |
| **Storage Capacity** | Typically 512GB (Varies by sub-series) |
| **Form Factor** | M.2 2280 (22mm x 80mm) |
| **Interface** | PCIe Gen4 x4 |
| **Protocol** | NVMe 1.4 |
| **Flash Type** | 128-Layer (or higher) 3D TLC NAND |
---
### 2. Electronic Components & Architecture
The drive consists of three primary electronic clusters:
#### A. The Controller
The "brain" of the SSD. It manages data traffic between the host computer and the NAND flash memory.
* **Function:** Handles Error Correction Code (ECC), wear leveling, and thermal management.
* **Impact:** Determines the maximum Read/Write speeds and IOPS (Input/Output Operations Per Second).
#### B. 3D TLC NAND Flash
This is where the data is physically stored.
* **Technology:** Triple-Level Cell (TLC) stores 3 bits per cell.
* **Structure:** "3D" refers to stacking memory cells vertically to increase density without increasing the physical footprint of the chip.
#### C. DRAM Cache
Most SK Hynix drives in this class include a dedicated LPDDR4 DRAM chip.
* **Purpose:** Stores the "mapping table" (the index of where data is located on the NAND). This significantly speeds up data retrieval compared to "DRAM-less" drives.
---
### 3. Performance & Power
Electronic signaling via the **PCIe Gen4** interface allows for significantly higher bandwidth than older SATA or Gen3 drives.
* **Read Speeds:** Up to ~6,400 MB/s (Sequential).
* **Write Speeds:** Up to ~5,000 MB/s (Sequential).
* **Voltage:** Operates on a standard 3.3V rail.
* **Power States:** Includes advanced power management (PS0 through PS4) to minimize battery drain in laptops during idle periods.
---
### 4. Physical Layout (M.2 2280)
The component adheres to the M.2 standard, meaning:
1. **M-Key Connector:** The physical gold fingers are notched to fit into PCIe-compatible M.2 slots.
2. **Single-Sided Design:** Usually, all electronic components (Controller, DRAM, NAND) are soldered on the top side of the PCB to ensure it fits in ultra-thin laptops.
---
- ⤷
What is the endurance rating (TBW) for the W2TG0-3BC-R SSD?
- ⤷ Is this SSD compatible with a PCIe Gen3 motherboard slot?
- ⤷ How does the power consumption of this drive compare to an enterprise-grade SSD?