전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-3DA-R2

  • AI
    The **W2TG0-3DA-R2** is a specific industrial-grade **Solid State Relay (SSR)**, typically used for high-precision temperature control and industrial automation. It is designed to switch AC loads using a DC control signal. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Relay Type** | 3-Phase Solid State Relay (SSR) | | **Control Voltage (Input)** | 4-32V DC (Typical for logic level control) | | **Load Voltage (Output)** | 24-480V AC | | **Current Rating** | Typically 10A to 40A (varies by sub-model configuration) | | **Switching Mode** | Zero-Cross Switching (Reduces EMI/RFI) | | **Isolation** | Photoelectric/Optocoupler Isolation | --- ### 2. Internal Electronic Components The device is comprised of several critical electronic stages that allow it to function without moving parts: * **Optoisolator (Input Stage):** An internal LED and photosensitive transistor that separates the low-voltage control circuit from the high-voltage load circuit for safety. * **Zero-Cross Detection Circuit:** Monitors the AC sine wave and ensures the relay only switches "ON" when the voltage is near zero. This prevents massive current spikes and protects sensitive electronics. * **Trigger Circuit:** Logic that converts the optoisolator signal into a gate pulse for the power semiconductors. * **Thyristors / TRIACs (Output Stage):** High-power semiconductor switches (usually two SCRs per phase) that handle the actual electrical load. --- ### 3. Comparison: SSR vs. Mechanical Relay | Feature | W2TG0-3DA-R2 (SSR) | Standard Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Extremely high (no moving parts) | Limited (mechanical wear) | | **Switching Speed** | Fast (sub-millisecond) | Slow (milliseconds) | | **Acoustic Noise** | Silent | Audible "Click" | | **Heat Generation** | High (Requires a heatsink) | Low | --- ### 4. Application and Installation Notes * **Heat Dissipation:** Because SSRs use semiconductors, they generate heat based on the current passing through them. It is **mandatory** to mount this part on a properly sized heatsink with thermal paste. * **Protection:** It is recommended to use **Fast-Acting Fuses** or **Varistors (MOV)** to protect the internal thyristors from voltage surges and short circuits.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for connecting this 3-phase SSR?
    • ⤷ How do I calculate the required heatsink size for a 20A load?
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in this model?