전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-412-R/N

  • AI
    The **W2TG0-412-R/N** is a specific model within the series of industrial-grade **AC/DC Power Modules**. These are typically compact, PCB-mount or chassis-mount power supplies designed for high efficiency and reliability in embedded systems. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The "W2TG0" series generally refers to high-density power converters. Here are the common technical parameters for this specific variant: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 85V AC to 264V AC (Universal) or 100V to 370V DC | | **Output Voltage** | 12V DC (indicated by the "12" in the part number) | | **Cooling** | Natural Convection | | **Mounting Type** | Through-hole (PCB Mount) or Screw Terminal | | **Isolation Voltage** | 3000V AC - 4000V AC (Input to Output) | | **Protection** | Short Circuit, Over-Current, Over-Voltage | --- ### 2. Internal Electronic Parts & Architecture The module functions as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages: #### A. Input Filtering & Protection * **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage surges from the AC line. * **EMI Filter:** Includes X/Y capacitors and common-mode chokes to reduce electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. #### B. Power Conversion (The "Switching" Stage) * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a stable 12V output. * **Power MOSFET:** A high-speed transistor that "chops" the DC voltage at high frequencies (typically 65kHz to 100kHz). * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the safe low-voltage output. #### C. Output Rectification & Filtering * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** Smooth out the ripples to provide a clean 12V DC signal. * **Optocoupler:** Provides feedback from the output side back to the PWM controller while maintaining electrical isolation. --- ### 3. Nomenclature Breakdown The part number **W2TG0-412-R/N** can be deciphered as follows: 1. **W2TG0:** Series designation (Standard high-efficiency AC/DC converter). 2. **4:** Likely refers to the Power Rating (e.g., 4 Watts or a specific physical frame size). 3. **12:** The Nominal Output Voltage (**12V DC**). 4. **R/N:** * **R:** Often denotes "RoHS" compliant. * **N:** Can indicate "Negative" logic for control pins or a specific terminal orientation/package style. --- ### 4. Typical Applications * **Industrial Automation:** Powering sensors and small PLC units. * **IoT Gateways:** Providing stable power to microcontrollers and communication modules. * **Smart Home:** Integrated power for smart switches or thermostats.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 12V output on this model?
    • ⤷ Does the W2TG0 series require external heat sinking?
    • ⤷ Is there a 5V version available in the same physical footprint?