전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TG0-4DC-R2

  • AI
    The **W2TG0-4DC-R2** is a specific industrial-grade Ethernet switch module, typically associated with Hirschmann’s **OCTOPUS** or **MICE** series (or similar ruggedized networking hardware). It is designed for harsh environments requiring high vibration resistance and waterproof capabilities. --- ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Port Type** | 4 x 10/100 BASE-TX | | **Connector Type** | M12 D-coded (4-pole) | | **Housing Rating** | IP67 (Dust tight and water immersion resistant) | | **Network Standard** | IEEE 802.3 (Ethernet), 802.3u (Fast Ethernet) | | **Operating Voltage** | Typically 24V DC (Redundant inputs) | | **Mounting** | Wall or Machine mount (no cabinet required) | --- ## Key Electronic & Design Components ### 1. M12 Connector Interface Unlike standard RJ45 ports found in offices, the **M12 D-coded** connectors are the "electronic heart" of this unit's reliability. * **Vibration Proof:** Threaded locking mechanism prevents accidental disconnection. * **Shielding:** Integrated 360-degree shielding to protect data signals from high Electromagnetic Interference (EMI) common in factories. ### 2. Physical Layer (PHY) Transceivers The internal circuitry uses industrial-grade PHY chips that handle: * **Auto-Negotiation:** Automatically detects speed (10 or 100 Mbps). * **Auto-MDI/MDI-X:** Automatically adjusts for straight-through or crossover cables. * **Signal Integrity:** Enhanced DSP (Digital Signal Processing) to maintain data packets over long cable runs in noisy environments. ### 3. Power Management The "4DC" in the part number often signifies its power configuration: * **Redundancy:** Dual power inputs ensure that if one power supply fails, the internal switching logic continues to operate without packet loss. * **Protection:** Includes reverse polarity protection and overvoltage surge protection to prevent the internal PCB from burning out during power spikes. ### 4. Ruggedized PCB Design The internal electronics are not "free-floating." * **Conformal Coating:** Often applied to the internal PCB to protect components from humidity and condensation. * **Thermal Dissipation:** The outer casing acts as a large heat sink, allowing the device to operate in high-temperature zones without internal fans (fanless design). --- ## Common Use Cases * **Railway/Rolling Stock:** Managing onboard passenger Wi-Fi or security cameras. * **Automotive Assembly:** Connecting robotic arms on a factory floor. * **Marine:** Bridge systems or engine room monitoring where moisture is high.
    ✨ Follow-up Questions
    • ⤷ What is the difference between M12 D-coded and X-coded connectors?
    • ⤷ Can this switch be used in a standard IT rack without an IP67 enclosure?
    • ⤷ What are the specific power consumption requirements for the W2TG0-4DC-R2?