전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-0A1-R

  • AI
    The **W2TS-0A1-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Wire-to-Board Header** or a specialized high-speed connector, often associated with automotive or high-reliability industrial applications. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Connector / Header (Wire-to-Board) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Right Angle (Horizontal) | | **Contact Plating** | Usually Gold or Tin (Model specific) | | **Lead-Free Status** | RoHS Compliant | ### 2. Key Electronic Characteristics * **Current Rating:** Designed to handle low to medium current loads (typically between 1.0A to 3.0A depending on the pitch). * **Voltage Rating:** Generally rated for 50V to 125V AC/DC. * **Insulation Resistance:** High dielectric strength, usually minimum 100MΩ to 500MΩ to prevent leakage between pins. * **Contact Resistance:** Low ohmic resistance (typically <20mΩ) to ensure signal integrity and minimal heat dissipation. ### 3. Physical & Material Properties The "R" suffix in the part number often indicates **Tape and Reel** packaging, which is essential for automated pick-and-place assembly machines. * **Housing Material:** High-temperature thermoplastic (e.g., LCP or Nylon 9T) capable of withstanding Reflow Soldering temperatures (up to 260°C). * **Pitch:** Likely a fine pitch (e.g., 1.0mm, 1.25mm, or 2.0mm) to save PCB real estate. * **Locking Mechanism:** Usually features a friction lock or a positive latch to ensure the mating cable does not disconnect under vibration. ### 4. Common Applications Due to its robust SMT design and compact footprint, this part is commonly found in: 1. **Automotive Electronics:** Sensors, infotainment systems, and dashboard displays. 2. **Industrial Automation:** PLC modules and sensor interfaces. 3. **Consumer Electronics:** Internal power or signal routing in laptops and smart appliances. --- ### Technical Drawing Representation (Simplified) ```text [ Connector Body ] _________________ | _ _ _ _ | <-- Mating Interface |_| |_| |_| |_| |_| [Solder Pads (SMT)] <-- Attachment to PCB ```
    ✨ Follow-up Questions
    • ⤷What is the exact pitch size for the W2TS-0A1-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is there a through-hole version of this connector available?