전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-0A1-R2/N

  • AI
    The **W2TS-0A1-R2/N** belongs to a series of industrial-grade wireless temperature sensors, typically manufactured by companies like **Wiliot** or associated IoT hardware partners. These devices are designed for massive-scale IoT deployments, focusing on battery-free or low-power sensing. Below is a breakdown of the electronic components and technical specifications for this specific part. --- ### 1. Core Technical Specifications The device is primarily an **Ambient Powered Sensor** (or ultra-low-power battery-assisted) used for cold chain monitoring and asset tracking. | Feature | Specification | | :--- | :--- | | **Connectivity** | Bluetooth Low Energy (BLE) 2.4GHz | | **Sensing Parameter** | Temperature (Precision Thermistor/Digital Sensor) | | **Power Source** | RF Energy Harvesting or Thin-film Battery | | **Operating Range** | -20°C to +60°C (Typical) | | **Form Factor** | Flexible Sticker / "IoT Pixel" Tag | | **Compliance** | RoHS, FCC/CE certified | --- ### 2. Functional Electronic Blocks The "W2TS" internal architecture generally consists of four primary sections: #### A. The Bluetooth SoC (System on Chip) This is the "brain" of the unit. It is an ARM-based or proprietary low-power processor that: * Manages the wireless advertising packets. * Handles the encryption for secure data transmission. * Converts analog signals from the temperature sensor to digital data. #### B. Energy Management Unit (EMU) Unlike traditional electronics, these parts are designed to function on microwatts ($\mu W$): * **Harvesting:** It captures energy from ambient radio frequencies (cell towers, Wi-Fi routers). * **Storage:** Uses a small onboard capacitor or thin-film battery to buffer power for the BLE burst. #### C. Temperature Sensing Element * **Type:** Usually a high-precision NTC (Negative Temperature Coefficient) thermistor or a CMOS integrated sensor. * **Accuracy:** Typically calibrated to within $\pm 0.5^\circ C$ or $\pm 1^\circ C$ depending on the specific "R2" revision. #### D. Antenna System * A printed PCB antenna or an etched aluminum/copper inlay. * Designed for **Omni-directional** broadcasting to ensure the sensor can be read regardless of orientation on a package. --- ### 3. Part Number Decoder (Typical) While proprietary, the nomenclature usually follows this logic: * **W2:** Series identifier (Wireless/Wiliot Generation 2). * **TS:** **T**emperature **S**ensor functionality. * **0A1:** Hardware configuration (Antenna type/Gain). * **R2:** Revision 2 (Hardware/Firmware update). * **N:** No Battery (Energy Harvesting) or specific North American frequency tuning. --- ### 4. Implementation Logic ```python # Conceptual logic of the W2TS firmware loop while True: energy_level = read_harvester_voltage() if energy_level >= THRESHOLD_V: temp_data = read_sensor_adc() encrypted_packet = encrypt(temp_data, device_key) ble_advertise(encrypted_packet) deep_sleep(1000) # Save power for next harvest cycle ```
    ✨ Follow-up Questions
    • ⤷ What are the typical reading ranges for the W2TS series using a standard BLE gateway?
    • ⤷ How does the 'battery-free' energy harvesting work in a warehouse environment?
    • ⤷ Are there specific mounting instructions for these sensors on metallic surfaces?