W2TS-0A3-R
AI

The **W2TS-0A3-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Water-Proof Tactile Switch**. These components are widely used in consumer electronics where a physical interface is required but protection against moisture and dust is critical.
---
## 1. Technical Specifications
Below are the typical technical parameters for a component of this series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | Usually 160gf to 240gf |
| **Contact Rating** | 50mA, 12V DC |
| **IP Rating** | IP67 (Dust-tight, Water-resistant) |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Travel Distance** | 0.20mm - 0.30mm |
---
## 2. Key Features
The "W2TS" series is defined by several engineering characteristics:
* **Sealed Construction:** The "W" in the prefix often denotes "Waterproof." It features an internal silicone membrane or specialized sealing to prevent liquid ingress to the contacts.
* **Tactile Feedback:** Provides a distinct "click" feel to the user upon actuation, confirming the circuit has closed.
* **Compact Footprint:** Designed for high-density PCB layouts, common in wearables and handheld devices.
* **RoHS Compliant:** The "-R" suffix usually indicates compliance with environmental standards regarding hazardous substances.
---
## 3. Pin Configuration & Internal Circuit
Tactile switches are simple SPST (Single Pole Single Throw) devices.
```text
Internal Diagram:
(1) o-------o (2)
| |
|---| <-- Internal Dome
| |
(3) o-------o (4)
```
* In most 4-pin configurations, pins 1-2 and 3-4 are internally connected.
* Pressing the button connects the top pair to the bottom pair.
---
## 4. Common Applications
Due to its ruggedized nature, the W2TS-0A3-R is found in:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Outdoor Electronics:** Handheld GPS units or portable radios.
3. **Medical Devices:** Equipment that requires frequent sanitization or exposure to fluids.
4. **Industrial Controls:** Panels used in damp or dusty environments.
- ⤷
What are the specific dimensions/footprint for the W2TS-0A3-R?
- ⤷ What is the recommended reflow soldering profile for this switch?
- ⤷ Can this switch be used in AC power circuits?