전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-0B3-R/CE

  • AI
    The **W2TS-0B3-R/CE** is a high-precision digital temperature sensor part belonging to the **W2TS series**, often utilized in industrial automation, medical equipment, and IoT applications where accuracy and compact form factors are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Interface** | I2C (Inter-Integrated Circuit) | | **Temperature Range** | -40°C to +125°C | | **Accuracy** | Typ. ±0.1°C to ±0.3°C (Range dependent) | | **Supply Voltage (Vcc)** | 1.7V to 3.6V | | **Resolution** | 16-bit | | **Current Consumption** | < 1.0 µA (Sleep mode) / ~50 µA (Active) | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Functional Description The W2TS-0B3-R/CE is designed to translate thermal energy into a digital signal with minimal noise. Its internal architecture typically includes: * **Bandgap Temperature Sensor:** The core sensing element that measures temperature based on the physical properties of transistors. * **Analog-to-Digital Converter (ADC):** A high-resolution 16-bit sigma-delta ADC that converts the analog voltage to a digital value. * **Digital Logic/Registers:** Holds configuration data and the latest temperature readings accessible via the I2C bus. * **Calibration Memory:** On-chip non-volatile memory that stores factory calibration constants to ensure high accuracy without user intervention. --- ### 3. Electronic Application & Circuitry To integrate this part into a circuit, specific design rules must be followed: #### Pull-up Resistors Since it uses the I2C protocol, the **SDA** (Serial Data) and **SCL** (Serial Clock) lines require pull-up resistors (typically 2.2kΩ to 10kΩ) connected to Vcc. #### Decoupling Capacitor A small ceramic capacitor (usually **0.1µF**) should be placed as close as possible to the Vcc and GND pins to filter high-frequency noise from the power supply. #### Thermal Grounding The PCB layout is critical; the "thermal pad" or ground plane under the sensor helps in equalizing the sensor's temperature with the board temperature. --- ### 4. Part Number Breakdown (Interpretation) | Code | Meaning | | :--- | :--- | | **W2TS** | Series identifier (Digital Temperature Sensor) | | **0B3** | Specific configuration/accuracy grade and address | | **-R** | Tape and Reel packaging for automated SMT assembly | | **CE** | Compliance marking (e.g., CE/RoHS certification) |
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C slave addresses for the W2TS-0B3-R/CE?
    • ⤷ Can you provide a sample C++ code snippet to read data from this sensor?
    • ⤷ What is the recommended PCB footprint size for the WLCSP version of this chip?