전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-1A3-R2/

  • AI
    The **W2TS-1A3-R2** is a specific type of high-frequency coaxial switch, commonly used in RF (Radio Frequency) and microwave applications. It is designed to route signals between different paths with minimal loss and high isolation. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for this component class: | Parameter | Typical Value / Description | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on series) | | **Impedance** | 50 Ohms | | **Actuator Type** | Failsafe or Latching | | **Operating Voltage** | 12V or 28V DC (Commonly 28V for R2 variants) | | **Connector Type** | SMA (Female) | --- ### 2. Functional Components The "Electronic Parts" within this assembly consist of three main subsystems: #### A. The RF Cavity This is the mechanical section where the signal travels. It uses precision-machined gold-plated contacts to ensure: * **Low Insertion Loss:** Minimizing signal strength reduction as it passes through the switch. * **High Isolation:** Preventing signal leakage into the "off" port. #### B. The Solenoid Actuator The "motor" of the switch. When voltage is applied to the control pins: 1. An electromagnetic field is generated. 2. A plunger moves a bridge or reed. 3. The physical connection shifts from Port 1 to Port 2. #### C. Control & Protection Circuitry Inside the housing, there are often secondary electronic components: * **Suppression Diodes:** To prevent Back-EMF (voltage spikes) from damaging the driving circuit when the coil is de-energized. * **Indicator Circuitry (Optional):** Some models include internal micro-switches that provide a "closed-loop" feedback signal to a computer to confirm the switch has physically moved. --- ### 3. Part Number Breakdown (Typical Naming Convention) While specific to the manufacturer (often associated with brands like Teledyne or Dow-Key logic), the suffix usually denotes: * **W2TS:** Series designation (Waveguide or Coaxial High Performance). * **1A3:** Configuration (SPDT, SMA connectors, Specific Frequency). * **R2:** Revision code or specific voltage/indicator requirement (often indicating a 28V coil with specific mounting). --- ### 4. Applications * **Automated Test Equipment (ATE):** Switching between multiple instruments. * **Satellite Communications:** Routing signals to backup amplifiers. * **Radar Systems:** Switching between transmit and receive modes.
    ✨ Follow-up Questions
    • ⤷What is the difference between a failsafe and a latching actuator in this switch?
    • ⤷ What are the common causes of failure in RF coaxial switches?
    • ⤷ How do I calculate the power handling capability for this part?