전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-1BC-R/N

  • AI
    The **W2TS-1BC-R/N** is a specialized electronic component, typically categorized as a high-precision **thermal sensor or temperature-sensitive resistor** (often associated with automotive or industrial control systems). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part is designed for surface mounting and is engineered to provide linear feedback based on temperature changes. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Platinum Thin Film Thermal Sensor (RTD Type) | | **Resistance Value** | Typically 100Ω or 1000Ω at 0°C (depending on series) | | **Tolerance Class** | Class B (±0.3°C at 0°C) | | **Operating Temperature** | -50°C to +150°C (standard range) | | **Package Style** | SMD (Surface Mount Device) | ### 2. Key Electronic Characteristics * **Temperature Coefficient (TCR):** It follows a standardized curve (usually 3850 ppm/K), ensuring that the change in resistance is predictable and linear across its operating range. * **Stability:** High long-term stability with minimal drift, which is critical for precision instrumentation. * **Self-Heating:** Low self-heating coefficient to prevent the sensor's own current from distorting the temperature reading. ### 3. Part Number Suffix Breakdown The suffixing in the part number provides specific manufacturing and packaging information: * **-1BC:** Refers to the precision class and the specific physical dimensions of the chip. * **-R/N:** * **R:** Often indicates "RoHS Compliant" or "Reel" packaging. * **N:** Can denote a specific lead-free termination material (e.g., Nickel/Tin). ### 4. Typical Applications These parts are commonly found in circuits requiring high-accuracy thermal monitoring: 1. **Automotive Systems:** Oil or air intake temperature sensing. 2. **HVAC Units:** Precise climate control feedback loops. 3. **Industrial Automation:** Overheat protection for power modules. 4. **Medical Equipment:** Monitoring sensitive diagnostic environments. --- ### 5. Simple Interface Example To read this sensor with a microcontroller (like an Arduino or ESP32), a **Wheatstone Bridge** or a Constant Current source is typically used to convert resistance changes into voltage. ```cpp // Conceptual code for reading a thermal resistor via Analog Pin int sensorPin = A0; float resistanceRef = 1000.0; // Reference resistor value void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); // Calculate voltage and convert to resistance to find temperature float voltage = rawValue * (5.0 / 1023.0); Serial.print("Sensor Voltage: "); Serial.println(voltage); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the W2TS-1BC-R/N at 25°C?
    • ⤷ How does Class B tolerance compare to Class A in thermal sensors?
    • ⤷ What are the recommended soldering profiles for this SMD component?