전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-221-R2/CE

  • AI
    The **W2TS-221-R2/CE** is a specialized industrial sensor, typically identified as an **Ultrasonic Double Sheet Detector** or a high-performance **Ultrasonic Sensor** used in automated material handling. These devices are critical in printing, packaging, and assembly lines to prevent multiple sheets of material (paper, metal foils, or plastic) from being fed into a machine simultaneously. --- ### 1. Core Technical Specifications The "electronic parts" and operational parameters of this unit are designed for precision and high-speed response. | Feature | Specification | | :--- | :--- | | **Sensing Technology** | Ultrasonic (Transmitter and Receiver pair) | | **Operating Voltage** | 12 - 24V DC | | **Output Type** | PNP or NPN (depending on wiring configuration) | | **Response Time** | < 500ms (typical for industrial grade) | | **Housing Material** | Nickel-plated brass or High-grade Polymer | | **Connection Type** | M12 Connector (usually 4-pin or 5-pin) | | **Certification** | CE (European Conformity) | --- ### 2. Functional Components (Electronic Architecture) The device consists of several integrated electronic subsystems: 1. **Ultrasonic Transducer (Piezoelectric):** * The "heart" of the sensor. It converts electrical energy into high-frequency sound waves (Transmitter) and converts reflected/transmitted sound back into electrical signals (Receiver). 2. **Signal Processing Unit (ASIC/Microcontroller):** * An internal chip analyzes the amplitude of the received ultrasonic wave. Air, a single sheet, and double sheets all attenuate (weaken) the sound differently. 3. **Output Driver Circuit:** * A transistor-based circuit (PNP/NPN) that acts as a switch. If a "double sheet" is detected, the circuit closes to trigger an alarm or stop the machine. 4. **Teach-In Interface:** * Usually includes a physical button or a "Remote Teach" wire to calibrate the sensor to a specific material thickness. --- ### 3. Connection and Wiring Diagram Most "R2" series sensors follow a standardized industrial wiring color code: | Pin Number | Color | Function | | :--- | :--- | :--- | | 1 | Brown | +VCC (12-24V DC) | | 2 | White | Control/Teach-In Input | | 3 | Blue | GND (0V) | | 4 | Black | Switching Output (Normal/Double Sheet) | --- ### 4. Key Advantages * **Color Independence:** Because it uses sound waves rather than light, the electronic sensors are not affected by the color, transparency, or glossiness of the material. * **Dust Resistance:** The electronic calibration compensates for minor dust buildup on the transducer face. * **High Sensitivity:** Can distinguish between a single 20g/m² paper sheet and two sheets stuck together.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the W2TS-221-R2 for different material thicknesses?
    • ⤷ What is the recommended mounting distance between the transmitter and receiver?
    • ⤷ Does this sensor support IO-Link for digital diagnostics?